Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 47Page - NXP Semiconductors PCA9641PW Datasheet HTML 48Page - NXP Semiconductors PCA9641PW Datasheet HTML 49Page - NXP Semiconductors PCA9641PW Datasheet HTML 50Page - NXP Semiconductors PCA9641PW Datasheet HTML 51Page - NXP Semiconductors PCA9641PW Datasheet HTML 52Page - NXP Semiconductors PCA9641PW Datasheet HTML 53Page - NXP Semiconductors PCA9641PW Datasheet HTML 54Page - NXP Semiconductors PCA9641PW Datasheet HTML 55Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
52 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
24. Abbreviations
25. Revision history
Table 23.
Abbreviations
Acronym
Description
AI
Auto Increment
CDM
Charged Device Model
DUT
Device Under Test
EEPROM
Electrically Erasable Programmable Read-Only Memory
ESD
ElectroStatic Discharge
FRU
Field Replaceable Unit
HBM
Human Body Model
I2C-bus
Inter Integrated Circuit bus
IC
Integrated Circuit
POR
Power-On Reset
RC
Resistor-Capacitor network
SMBus
System Management Bus
Table 24.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9641 v.2.1
20151027
Product data sheet
-
PCA90641 v.2
Modifications:
• Table 20: Corrected tREC;STA from 155 ms to 90 us
PCA9641 v.2
20141010
Product data sheet
-
PCA90641 v.1
• Modifications:
• Corrected Figure 1, Figure 2, Figure 3, Figure 21 and Figure 26
PCA9641 v.1
20141008
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com