Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 3Page - NXP Semiconductors PCA9641PW Datasheet HTML 4Page - NXP Semiconductors PCA9641PW Datasheet HTML 5Page - NXP Semiconductors PCA9641PW Datasheet HTML 6Page - NXP Semiconductors PCA9641PW Datasheet HTML 7Page - NXP Semiconductors PCA9641PW Datasheet HTML 8Page - NXP Semiconductors PCA9641PW Datasheet HTML 9Page - NXP Semiconductors PCA9641PW Datasheet HTML 10Page - NXP Semiconductors PCA9641PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
7 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
7.2 Address maps
Table 5.
Address maps
Do not use any other combination addresses to decode hardware addresses.
Pin connectivity
Address of PCA9641
Address byte value
7-bit hexadecimal
address without R/W
AD3
AD2
AD1
AD0
A6
A5
A4
A3
A2
A1
A0
R/W
Write
Read
VSS
VSS
VSS
VSS
111000
0
-
E0h
E1h
70h
VSS
VSS
VSS
VDD
111000
1
-
E2h
E3h
71h
VSS
VSS
VDD
VSS
111001
0
-
E4h
E5h
72h
VSS
VSS
VDD
VDD
111001
1
-
E6h
E7h
73h
VSS
VDD
VSS
VSS
111010
0
-
E8h
E9h
74h
VSS
VDD
VSS
VDD
111010
1
-
EAh
EBh
75h
VSS
VDD
VDD
VSS
111011
0
-
ECh
EDh
76h
VSS
VDD
VDD
VDD
111011
1
-
EEh
EFh
77h
VDD
VSS
VSS
PD
000100
0
-
10h
11h
08h
VDD
VSS
VSS
PU
000100
1
-
12h
13h
09h
VDD
VSS
VDD
PD
000101
0
-
14h
15h
0Ah
VDD
VSS
VDD
PU
000101
1
-
16h
17h
0Bh
VDD
VDD
VSS
PD
000110
0
-
18h
19h
0Ch
VDD
VDD
VSS
PU
000110
1
-
1Ah
1Bh
0Dh
VDD
VDD
VDD
PD
000111
0
-
1Ch
1Dh
0Eh
VDD
VDD
VDD
PU
000111
1
-
1Eh
1Fh
0Fh
VSS
VSS
PD
VSS
001000
0
-
20h
21h
10h
VSS
VSS
PD
VDD
001000
1
-
22h
23h
11h
VSS
VSS
PU
VSS
001001
0
-
24h
25h
12h
VSS
VSS
PU
VDD
001001
1
-
26h
27h
13h
VSS
VDD
PD
VSS
001010
0
-
28h
29h
14h
VSS
VDD
PD
VDD
001010
1
-
2Ah
2Bh
15h
VSS
VDD
PU
VSS
001011
0
-
2Ch
2Dh
16h
VSS
VDD
PU
VDD
001011
1
-
2Eh
2Fh
17h
VDD
VSS
PD
VSS
001100
0
-
30h
31h
18h
VDD
VSS
PD
VDD
001100
1
-
32h
33h
19h
VDD
VSS
PU
VSS
001101
0
-
34h
35h
1Ah
VDD
VSS
PU
VDD
001101
1
-
36h
37h
1Bh
VDD
VDD
PD
VSS
001110
0
-
38h
39h
1Ch
VDD
VDD
PD
VDD
001110
1
-
3Ah
3Bh
1Dh
VDD
VDD
PU
VSS
001111
0
-
3Ch
3Dh
1Eh
VDD
VDD
PU
VDD
001111
1
-
3Eh
3Fh
1Fh
VSS
VSS
PD
PD
010000
0
-
40h
41h
20h
VSS
VSS
PD
PU
010000
1
-
42h
43h
21h
VSS
VSS
PU
PD
010001
0
-
44h
45h
22h
VSS
VSS
PU
PU
010001
1
-
46h
47h
23h
VSS
VDD
PD
PD
010010
0
-
48h
49h
24h
VSS
VDD
PD
PU
010010
1
-
4Ah
4Bh
25h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com