Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 7Page - NXP Semiconductors PCA9641PW Datasheet HTML 8Page - NXP Semiconductors PCA9641PW Datasheet HTML 9Page - NXP Semiconductors PCA9641PW Datasheet HTML 10Page - NXP Semiconductors PCA9641PW Datasheet HTML 11Page - NXP Semiconductors PCA9641PW Datasheet HTML 12Page - NXP Semiconductors PCA9641PW Datasheet HTML 13Page - NXP Semiconductors PCA9641PW Datasheet HTML 14Page - NXP Semiconductors PCA9641PW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
11 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
7.4 Power-on reset
When power (from 0 V) is applied to VDD, an internal power-on reset holds the PCA9641
in a reset condition until VDD has reached VPOR. At that time, the reset condition is
released and the PCA9641 registers and I2C-bus/SMBus state machine initialize to their
default states. After that, VDD must be lowered to below VPOR and back up to the
operating voltage for a power-reset cycle.
7.5 Reset input (RESET)
The RESET input can be asserted to initialize the system while keeping the VDD at its
operating level. A reset is accomplished by holding the RESET pin LOW for a minimum of
tw(rst). The PCA9641 registers and I2C-bus/SMBus state machine are set to their default
state once RESET is LOW (0). When RESET is HIGH (1), normal operation resumes and
the I2C downstream bus has no connection to any I2C-bus master.
7.6 Software reset
When granted or non-granted master sends a software reset (see Section 13 “General
call software reset”), PCA9641 will reset all internal registers and:
• If SMBUS_SWRST was enabled before software reset happens, PCA9641 sends
SCL LOW for greater than 35 ms to downstream bus following a soft reset.
• If SMBUS_SWRST was disabled before software reset happens, PCA9641 does not
send SCL LOW to downstream bus following a soft reset.
Fig 6.
Internal register map
002aag817
CONTR 0
STATUS 0
RT 0
CONTR 1
STATUS 1
RT 1
PCA9641
REG#001
REG#010
REG#011
CONTR
STATUS
RT
MASTER 0
SCL_MST0
SDA_MST0
REG#001
REG#010
REG#011
MASTER 1
SCL_MST1
SDA_MST1
INT_STATUS 0
INT_MSK 0
INT_STATUS 1
INT_MSK 1
REG#100
REG#101
INT_STATUS
INT_MSK
REG#100
REG#101
MB_LO 0
MB_LO 1
REG#110
MB_LO
REG#110
ID 0
ID 1
REG#000
ID
REG#000
MB_HI 0
MB_HI 1
REG#111
MB_HI
REG#111
CONTR
STATUS
RT
INT_STATUS
INT_MSK
MB_LO
MB_HI
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com