Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 10Page - NXP Semiconductors PCA9641PW Datasheet HTML 11Page - NXP Semiconductors PCA9641PW Datasheet HTML 12Page - NXP Semiconductors PCA9641PW Datasheet HTML 13Page - NXP Semiconductors PCA9641PW Datasheet HTML 14Page - NXP Semiconductors PCA9641PW Datasheet HTML 15Page - NXP Semiconductors PCA9641PW Datasheet HTML 16Page - NXP Semiconductors PCA9641PW Datasheet HTML 17Page - NXP Semiconductors PCA9641PW Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
14 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
5
IDLE_TIMER_DIS
R/W
After RES_TIME is expired, I2C-bus idle for more
than 100 ms, PCA9641 will disconnect master from
downstream bus and takes away its grant if this
register bit is enabled. This IDLE_TIMER_DIS
function also applies when there is a grant of a
request with zero value on RES_TIME.
0*
Normal operation.
1
Enable 100 ms idle timer. After reserve timer
expires or if reserve timer is disabled, if the
downstream bus is idle for more than 100 ms, the
connection between master and downstream bus
will be disconnected.
4
SMBUS_SWRST
R/W
Non-granted or granted master sends a soft reset,
if this bit is set, PCA9641 sets clock LOW for 35 ms
following reset of all register values to defaults.
0*
Normal operation.
1
Enable sending SMBus time-out to downstream
bus, after receiving a general call soft reset from
master.
3
BUS_INIT
R/W
Bus initialization for PCA9641 sends one clock out
and checks SDA signal. If SDA is HIGH, PCA9641
sends a ‘not acknowledge’ and a STOP condition.
The BUS_INIT function is completed. If SDA is
LOW, PCA9641 sends other clock out and checks
SDA again. The PCA9641 will send out 9 clocks
(maximum), and if SDA is still LOW, PCA9641
determines the bus initialization has failed.
0*
Normal operation.
1
Start initialization on next bus connect function to
downstream bus.
2
BUS_CONNECT
R/W
Connectivity between master and downstream bus;
the internal switch connects I2C-bus from master to
downstream bus only if LOCK_GRANT = 1.
0*
Do not connect I2C-bus from master to downstream
bus.
1
Connect downstream bus; the internal switch is
closed only if LOCK_GRANT = 1.
1
LOCK_GRANT
R only
This is a status read only register bit. Lock grant
status register bit indicates the ownership between
reading master and the downstream bus. If this
register bit is 1, the reading master has owned the
downstream bus. If this register bit is zero, the
reading master has not owned the downstream
bus.
0*
This master does not have a lock on the
downstream bus.
1
This master has a lock on the downstream bus.
Table 8.
CONTR - Control register (pointer address 01h) bit description …continued
POR = 00h.
Legend: * default value
Bit
Symbol
Access
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com