Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 29Page - NXP Semiconductors PCA9641PW Datasheet HTML 30Page - NXP Semiconductors PCA9641PW Datasheet HTML 31Page - NXP Semiconductors PCA9641PW Datasheet HTML 32Page - NXP Semiconductors PCA9641PW Datasheet HTML 33Page - NXP Semiconductors PCA9641PW Datasheet HTML 34Page - NXP Semiconductors PCA9641PW Datasheet HTML 35Page - NXP Semiconductors PCA9641PW Datasheet HTML 36Page - NXP Semiconductors PCA9641PW Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
33 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
16. Application design-in information
Fig 20. Typical application
PCA9641
SCL_MST0
SDA_MST0
INT0
2.5 V
MASTER 0
002aag819
SCL0
SDA0
INT0
INT_IN
A3
A2
A1
VDD
A0
VSS
VDD
RESET0
VSS
SLAVE 1
SDA
SCL
SLAVE 2
SDA
SCL
INT
SLAVE 3
SDA
SCL
SDA_SLAVE
SCL_SLAVE
SCL_MST1
SDA_MST1
INT1
1.8 V
MASTER 1
SCL1
SDA1
INT1
VDD
RESET1
VSS
RESET
SLAVE CARD
3.3 V
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com