Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 9Page - NXP Semiconductors PCA9641PW Datasheet HTML 10Page - NXP Semiconductors PCA9641PW Datasheet HTML 11Page - NXP Semiconductors PCA9641PW Datasheet HTML 12Page - NXP Semiconductors PCA9641PW Datasheet HTML 13Page - NXP Semiconductors PCA9641PW Datasheet HTML 14Page - NXP Semiconductors PCA9641PW Datasheet HTML 15Page - NXP Semiconductors PCA9641PW Datasheet HTML 16Page - NXP Semiconductors PCA9641PW Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
13 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
8.
Register descriptions
8.1 Register 0: ID register ([B2:B0] = 000b)
This register is holding the last 8 bits of the Device ID. It is used to distinguish between
PCA9541 and PCA9641. When a master reads this register, if the value returned from this
register is 38h, it is PCA9641, other than this value it is PCA9541.
8.2 Register 1: Control register ([B2:B0] = 001b)
The Control register described below is identical for both the masters. Nevertheless, there
are physically two internal Control registers, one for each upstream channel. When
master 0 reads/writes in this register, the internal CONTR Register 0 will be accessed.
When master 1 reads/writes in this register, the internal CONTR Register 1 will be
accessed.
Table 7.
ID - Device ID register (pointer address 00h) bit description
POR = 38h.
Address
Register
Bit
Access
Description
00h
ID
7:0
R only
Hard-coded 38h for PCA9641.
Table 8.
CONTR - Control register (pointer address 01h) bit description
POR = 00h.
Legend: * default value
Bit
Symbol
Access
Value
Description
7
PRIORITY
R/W
Master can set this register bit for setting priority of
the winner when two masters request the
downstream bus at the same time. Table 9 shows
how PCA9641 selects the winner when 2 masters
set their own PRIORITY bit.
0*
Master can configure the priority bit for the case
where two masters request the downstream bus at
the same time. See Table 9 for information on how
PCA9641 selects the winner.
6
SMBUS_DIS
R/W
When PCA9641 detects an SMBus time-out, if this
bit is set, PCA9641 will disconnect I2C-bus from
master to downstream bus.
0*
Normal operation
1
Connectivity between master and downstream bus
will be disconnected upon detecting an SMBus
time-out condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com