Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9641PW Datasheet HTML 1Page - NXP Semiconductors PCA9641PW Datasheet HTML 2Page - NXP Semiconductors PCA9641PW Datasheet HTML 3Page - NXP Semiconductors PCA9641PW Datasheet HTML 4Page - NXP Semiconductors PCA9641PW Datasheet HTML 5Page - NXP Semiconductors PCA9641PW Datasheet HTML 6Page - NXP Semiconductors PCA9641PW Datasheet HTML 7Page - NXP Semiconductors PCA9641PW Datasheet HTML 8Page - NXP Semiconductors PCA9641PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
3 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Topside
marking
Package
Name
Description
Version
PCA9641BS
641
HVQFN16
plastic thermal enhanced very thin quad flat package; no leads;
16 terminals; body 3
 3  0.85 mm
SOT758-1
PCA9641PW
PCA9641
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order quantity
Temperature
PCA9641BS
PCA9641BSHP
HVQFN16
Reel 13” Q2/T3
*Standard mark SMD
6000
Tamb = 40 Cto+85 C
PCA9641PW
PCA9641PWJ
TSSOP16
Reel 13” Q1/T1
*Standard mark SMD
2500
Tamb = 40 Cto+85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com