Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 2Page - NXP Semiconductors PCA9641PW Datasheet HTML 3Page - NXP Semiconductors PCA9641PW Datasheet HTML 4Page - NXP Semiconductors PCA9641PW Datasheet HTML 5Page - NXP Semiconductors PCA9641PW Datasheet HTML 6Page - NXP Semiconductors PCA9641PW Datasheet HTML 7Page - NXP Semiconductors PCA9641PW Datasheet HTML 8Page - NXP Semiconductors PCA9641PW Datasheet HTML 9Page - NXP Semiconductors PCA9641PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
6 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
7.
Functional description
Refer to Figure 1 “Block diagram of PCA9641”.
7.1 Device address
Following a START condition, the upstream master that wants to control the I2C-bus or
make a status check must send the address of the slave it is accessing. To conserve
power, no internal pull-up resistors are incorporated on the hardware selectable pins and
they must be connected to VDD, VSS, pull-up to VDD or pull-down to VSS directly. PCA9641
can decode 112 addresses, depending on AD3, AD2, AD1 and AD0, and which are found
in Table 5 “Address maps”.
At power-up or hardware/software reset, the quinary input pads are sampled and set the
slave address of the device internally. To conserve power, once the slave address is
determined, the quinary input pads are turned off and will not be sampled until the next
time the device is power cycled. Table 4 lists the five possible connections for the quinary
input pads along with the external resistor values that must be used.
Table 4.
Quinary input pad connection
Pad connection
(pins AD3, AD2, AD1, AD0)
Mnemonic
External resistor
Min
Max
tie to ground
GND
0 k
17.9 k
resistor pull-down to ground
PD
34.8 k
270 k
resistor pull-up to VDD
PU
31.7 k
340 k
tie to VDD
VDD
0k
22.1 k
Fig 4.
PCA9641 address
R/W
002aab636
A6
A5
A4
A3
A2
A1
A0
programmable
slave address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com