Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 8Page - NXP Semiconductors PCA9641PW Datasheet HTML 9Page - NXP Semiconductors PCA9641PW Datasheet HTML 10Page - NXP Semiconductors PCA9641PW Datasheet HTML 11Page - NXP Semiconductors PCA9641PW Datasheet HTML 12Page - NXP Semiconductors PCA9641PW Datasheet HTML 13Page - NXP Semiconductors PCA9641PW Datasheet HTML 14Page - NXP Semiconductors PCA9641PW Datasheet HTML 15Page - NXP Semiconductors PCA9641PW Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
12 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
7.7 Voltage translation
The pass gate transistors of the PCA9641 are constructed such that the VDD voltage can
be used to limit the maximum voltage that will be passed from one I2C-bus to another.
Figure 7 shows the voltage characteristics of the pass gate transistors (note that the graph
was generated using the data specified in Section 18 “Static characteristics” of this data
sheet). In order for the PCA9641 to act as a voltage translator, the Vo(sw) voltage should
be equal to, or lower than the lowest bus voltage. For example, if the main buses were
running at 3.3 V, and the downstream bus was 2.5 V, then Vo(sw) should be equal to or
below 2.5 V to effectively clamp the downstream bus voltages. Looking at Figure 7, we
see that Vo(sw)(max) will be at 2.5 V when the PCA9641 supply voltage is 3.375 V or lower
so the PCA9641 supply voltage could be set to 3.3 V. Pull-up resistors can then be used
to bring the bus voltages to their appropriate levels (see Figure 20).
More Information on voltage translation can be found in Application Note AN262:
PCA954X family of I2C/SMBus multiplexers and switches.
(1) maximum
(2) typical
(3) minimum
Fig 7.
Pass gate voltage as a function of supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com