Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 27Page - NXP Semiconductors PCA9641PW Datasheet HTML 28Page - NXP Semiconductors PCA9641PW Datasheet HTML 29Page - NXP Semiconductors PCA9641PW Datasheet HTML 30Page - NXP Semiconductors PCA9641PW Datasheet HTML 31Page - NXP Semiconductors PCA9641PW Datasheet HTML 32Page - NXP Semiconductors PCA9641PW Datasheet HTML 33Page - NXP Semiconductors PCA9641PW Datasheet HTML 34Page - NXP Semiconductors PCA9641PW Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
31 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
14. Device ID (PCA9641 ID field)
The Device ID field is a 3-byte read-only (24 bits) word giving the following information:
• The first 12 bits are for the manufacturer name, unique per manufacturer (for
example, NXP).
• The next 9 bits are for the part identification, assigned by manufacturer.
• The last 3 bits are for the die revision, assigned by manufacturer (for example,
Rev X).
The Device ID is read-only, hardwired in the device and can be accessed as follows:
1. START command.
2. The master sends the Reserved Device ID I2C-bus address ‘1111 100’ with the R/W
bit set to 0 (write).
3. The master sends the I2C-bus slave address of the slave device it needs to identify.
The LSB is a ‘Don’t care’ value. Only one device must acknowledge this byte (the one
that has the I2C-bus slave address).
4. The master sends a Re-START command.
Remark: A STOP command followed by a START command will reset the slave state
machine and the Device ID read cannot be performed.
Remark: A STOP command or a Re-START command followed by an access to
another slave device will reset the slave state machine and the Device ID read cannot
be performed.
5. The master sends the Reserved Device ID I2C-bus address ‘1111 100’ with the R/W
bit set to 1 (read).
6. The device ID read can be done, starting with the 12 manufacturer bits
(first byte + 4 MSB of the second byte), followed by the 9 part identification bits and
then the 3 die revision bits (3 LSB of the third byte).
7. The master ends the reading sequence by NACKing the last byte, thus resetting the
slave device state machine and allowing the master to send the STOP command.
Remark: The reading of the Device ID can be stopped anytime by sending a NACK
command.
Remark: If the master continues to ACK the bytes after the third byte, the PCA9641
rolls back to the first byte and keeps sending the Device ID sequence until a NACK
has been detected.
Table 16.
PCA9641 ID field
Byte 3
Byte 2
Byte 1
0
000
000
000
001
0000
011
100
0
Bits [23:11]
Bits [10:3]
Bits [2:0]
Manufacturer ID
Part ID
Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com