Electronic Components Datasheet Search
  English  ▼

X  

PCA9641PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9641PW
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9641PW Datasheet HTML 5Page - NXP Semiconductors PCA9641PW Datasheet HTML 6Page - NXP Semiconductors PCA9641PW Datasheet HTML 7Page - NXP Semiconductors PCA9641PW Datasheet HTML 8Page - NXP Semiconductors PCA9641PW Datasheet HTML 9Page - NXP Semiconductors PCA9641PW Datasheet HTML 10Page - NXP Semiconductors PCA9641PW Datasheet HTML 11Page - NXP Semiconductors PCA9641PW Datasheet HTML 12Page - NXP Semiconductors PCA9641PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
9 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
VDD
PU
VSS
PU
100110
1
-
9Ah
9Bh
4Dh
VDD
PU
VDD
PD
100111
0
-
9Ch
9Dh
4Eh
VDD
PU
VDD
PU
100111
1
-
9Eh
9Fh
4Fh
VSS
PD
PD
VSS
101000
0
-
A0h
A1h
50h
VSS
PD
PD
VDD
101000
1
-
A2h
A3h
51h
VSS
PD
PU
VSS
101001
0
-
A4h
A5h
52h
VSS
PD
PU
VDD
101001
1
-
A6h
A7h
53h
VSS
PU
PD
VSS
101010
0
-
A8h
A9h
54h
VSS
PU
PD
VDD
101010
1
-
AAh
ABh
55h
VSS
PU
PU
VSS
101011
0
-
ACh
ADh
56h
VSS
PU
PU
VDD
101011
1
-
AEh
AFh
57h
VDD
PD
PD
VSS
101100
0
-
B0h
B1h
58h
VDD
PD
PD
VDD
101100
1
-
B2h
B3h
59h
VDD
PD
PU
VSS
101101
0
-
B4h
B5h
5Ah
VDD
PD
PU
VDD
101101
1
-
B6h
B7h
5Bh
VDD
PU
PD
VSS
101110
0
-
B8h
B9h
5Ch
VDD
PU
PD
VDD
101110
1
-
BAh
BBh
5Dh
VDD
PU
PU
VSS
101111
0
-
BCh
BDh
5Eh
VDD
PU
PU
VDD
101111
1
-
BEh
BFh
5Fh
VSS
PD
PD
PD
110000
0
-
C0h
C1h
60h
VSS
PD
PD
PU
110000
1
-
C2h
C3h
61h
VSS
PD
PU
PD
110001
0
-
C4h
C5h
62h
VSS
PD
PU
PU
110001
1
-
C6h
C7h
63h
VSS
PU
PD
PD
110010
0
-
C8h
C9h
64h
VSS
PU
PD
PU
110010
1
-
CAh
CBh
65h
VSS
PU
PU
PD
110011
0
-
CCh
CDh
66h
VSS
PU
PU
PU
110011
1
-
CEh
CFh
67h
VDD
PD
PD
PD
110100
0
-
D0h
D1h
68h
VDD
PD
PD
PU
110100
1
-
D2h
D3h
69h
VDD
PD
PU
PD
110101
0
-
D4h
D5h
6Ah
VDD
PD
PU
PU
110101
1
-
D6h
D7h
6Bh
VDD
PU
PD
PD
110110
0
-
D8h
D9h
6Ch
VDD
PU
PD
PU
110110
1
-
DAh
DBh
6Dh
VDD
PU
PU
PD
110111
0
-
DCh
DDh
6Eh
VDD
PU
PU
PU
110111
1
-
DEh
DFh
6Fh
Table 5.
Address maps …continued
Do not use any other combination addresses to decode hardware addresses.
Pin connectivity
Address of PCA9641
Address byte value
7-bit hexadecimal
address without R/W
AD3
AD2
AD1
AD0
A6
A5
A4
A3
A2
A1
A0
R/W
Write
Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com