Electronic Components Datasheet Search
  English  ▼

X  

C8051F360 Datasheet(PDF) 194 Page - Silicon Laboratories

Part # C8051F360
Description  Mixed Signal ISP Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F360 Datasheet(HTML) 194 Page - Silicon Laboratories

Back Button C8051F360 Datasheet HTML 190Page - Silicon Laboratories C8051F360 Datasheet HTML 191Page - Silicon Laboratories C8051F360 Datasheet HTML 192Page - Silicon Laboratories C8051F360 Datasheet HTML 193Page - Silicon Laboratories C8051F360 Datasheet HTML 194Page - Silicon Laboratories C8051F360 Datasheet HTML 195Page - Silicon Laboratories C8051F360 Datasheet HTML 196Page - Silicon Laboratories C8051F360 Datasheet HTML 197Page - Silicon Laboratories C8051F360 Datasheet HTML 198Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 288 page
background image
C8051F360/1/2/3/4/5/6/7/8/9
194
Rev. 1.0
SFR Definition 17.11. P1MDOUT: Port1 Output Mode
Bits 7–0: Output Configuration Bits for P1.7-P1.0 (respectively): ignored if corresponding bit in regis-
ter P1MDIN is logic ‘0’.
0: Corresponding P1.n Output is open-drain.
1: Corresponding P1.n Output is push-pull.
SFR Page:
SFR Address:
F
0xA5
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Definition 17.12. P1SKIP: Port1 Skip
Bits 7–0: P1SKIP[7:0]: Port1 Crossbar Skip Enable Bits.
These bits select Port pins to be skipped by the Crossbar Decoder. Port pins used as ana-
log inputs (for ADC or Comparator) or used as special functions (VREF input, external oscil-
lator circuit, CNVSTR input) should be skipped by the Crossbar.
0: Corresponding P1.n pin is not skipped by the Crossbar.
1: Corresponding P1.n pin is skipped by the Crossbar.
SFR Page:
SFR Address:
F
0xD5
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Definition 17.13. P1MAT: Port1 Match
Bits 7–0: P1MAT[7:0]: Port1 Match Value.
These bits control the value that unmasked P0 Port pins are compared against. A Port
Match event is generated if (P1 & P1MASK) does not equal (P1MAT & P1MASK).
SFR Page:
SFR Address:
0
0xE1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
11111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com