Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 104 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 100Page - Texas Instruments XIO2000A Datasheet HTML 101Page - Texas Instruments XIO2000A Datasheet HTML 102Page - Texas Instruments XIO2000A Datasheet HTML 103Page - Texas Instruments XIO2000A Datasheet HTML 104Page - Texas Instruments XIO2000A Datasheet HTML 105Page - Texas Instruments XIO2000A Datasheet HTML 106Page - Texas Instruments XIO2000A Datasheet HTML 107Page - Texas Instruments XIO2000A Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 155 page
background image
PCI Express Extended Configuration Space
94
April 2007
SCPS155B
5.3
Uncorrectable Error Status Register
The uncorrectable error status register reports the status of individual errors as they occur on the primary PCI
Express interface. Software may only clear these bits by writing a 1b to the desired location. See Table 5−2
for a complete description of the register contents.
PCI Express extended register offset:
104h
Register type:
Read-only, Read/Clear
Default value:
0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5−2. Uncorrectable Error Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:21
RSVD
R
Reserved. Returns 000 0000 0000b when read.
20†
UR_ERROR
RCU
Unsupported request error. This bit is asserted when an unsupported request is received.
19†
ECRC_ERROR
RCU
Extended CRC error. This bit is asserted when an extended CRC error is detected.
18†
MAL_TLP
RCU
Malformed TLP. This bit is asserted when a malformed TLP is detected.
17†
RX_OVERFLOW
RCU
Receiver overflow. This bit is asserted when the flow control logic detects that the transmitting
device has illegally exceeded the number of credits that were issued.
16†
UNXP_CPL
RCU
Unexpected completion. This bit is asserted when a completion packet is received that does
not correspond to an issued request.
15†
CPL_ABORT
RCU
Completer abort. This bit is asserted when the bridge signals a completer abort.
14†
CPL_TIMEOUT
RCU
Completion time-out. This bit is asserted when no completion has been received for an issued
request before the time-out period.
13†
FC_ERROR
RCU
Flow control error. This bit is asserted when a flow control protocol error is detected either
during initialization or during normal operation.
12†
PSN_TLP
RCU
Poisoned TLP. This bit is asserted when a poisoned TLP is received.
11:5
RSVD
R
Reserved. Returns 000 0000b when read.
4†
DLL_ERROR
RCU
Data link protocol error. This bit is asserted if a data link-layer protocol error is detected.
3:0
RSVD
R
Reserved. Returns 0h when read.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com