Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 105 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 101Page - Texas Instruments XIO2000A Datasheet HTML 102Page - Texas Instruments XIO2000A Datasheet HTML 103Page - Texas Instruments XIO2000A Datasheet HTML 104Page - Texas Instruments XIO2000A Datasheet HTML 105Page - Texas Instruments XIO2000A Datasheet HTML 106Page - Texas Instruments XIO2000A Datasheet HTML 107Page - Texas Instruments XIO2000A Datasheet HTML 108Page - Texas Instruments XIO2000A Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 155 page
background image
PCI Express Extended Configuration Space
95
April 2007
SCPS155B
5.4
Uncorrectable Error Mask Register
The uncorrectable error mask register controls the reporting of individual errors as they occur. When a mask
bit is set to 1b, the corresponding error status bit is not set, PCI Express error messages are blocked, the
header log is not loaded, and the first error pointer is not updated. See Table 5−3 for a complete description
of the register contents.
PCI Express extended register offset:
108h
Register type:
Read-only, Read/Write
Default value:
0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5−3. Uncorrectable Error Mask Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:21
RSVD
R
Reserved. Returns 000 0000 0000b when read.
20†
UR_ERROR_MASK
RW
Unsupported request error mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
19†
ECRC_ERROR_MASK
RW
Extended CRC error mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
18†
MAL_TLP_MASK
RW
Malformed TLP mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
17†
RX_OVERFLOW_MASK
RW
Receiver overflow mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
16†
UNXP_CPL_MASK
RW
Unexpected completion mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
15†
CPL_ABORT_MASK
RW
Completer abort mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
14†
CPL_TIMEOUT_MASK
RW
Completion time-out mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
13†
FC_ERROR_MASK
RW
Flow control error mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
12†
PSN_TLP_MASK
RW
Poisoned TLP mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
11:5
RSVD
R
Reserved. Returns 000 0000b when read.
4†
DLL_ERROR_MASK
RW
Data link protocol error mask
0 = Error condition is unmasked (default)
1 = Error condition is masked
3:0
RSVD
R
Reserved. Returns 0h when read.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com