Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 107 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 107 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 103Page - Texas Instruments XIO2000A Datasheet HTML 104Page - Texas Instruments XIO2000A Datasheet HTML 105Page - Texas Instruments XIO2000A Datasheet HTML 106Page - Texas Instruments XIO2000A Datasheet HTML 107Page - Texas Instruments XIO2000A Datasheet HTML 108Page - Texas Instruments XIO2000A Datasheet HTML 109Page - Texas Instruments XIO2000A Datasheet HTML 110Page - Texas Instruments XIO2000A Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 155 page
background image
PCI Express Extended Configuration Space
97
April 2007
SCPS155B
5.6
Correctable Error Status Register
The correctable error status register reports the status of individual errors as they occur. Software may only
clear these bits by writing a 1b to the desired location. See Table 5−5 for a complete description of the register
contents.
PCI Express extended register offset:
110h
Register type:
Read-only, Read/Clear
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5−5. Correctable Error Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:13
RSVD
R
Reserved. Returns 000 0000 0000 0000 0000b when read.
12†
REPLAY_TMOUT
RCU
Replay timer time-out. This bit is asserted when the replay timer expires for a pending request
or completion that has not been acknowledged.
11:9
RSVD
R
Reserved. Returns 000b when read.
8†
REPLAY_ROLL
RCU
REPLAY_NUM rollover. This bit is asserted when the replay counter rolls over after a pending
request or completion has not been acknowledged.
7†
BAD_DLLP
RCU
Bad DLLP error. This bit is asserted when an 8b/10b error was detected by the PHY during the
reception of a DLLP.
6†
BAD_TLP
RCU
Bad TLP error. This bit is asserted when an 8b/10b error was detected by the PHY during the
reception of a TLP.
5:1
RSVD
R
Reserved. Returns 00000b when read.
0†
RX_ERROR
RCU
Receiver error. This bit is asserted when an 8b/10b error is detected by the PHY at any time.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com