Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 106 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 102Page - Texas Instruments XIO2000A Datasheet HTML 103Page - Texas Instruments XIO2000A Datasheet HTML 104Page - Texas Instruments XIO2000A Datasheet HTML 105Page - Texas Instruments XIO2000A Datasheet HTML 106Page - Texas Instruments XIO2000A Datasheet HTML 107Page - Texas Instruments XIO2000A Datasheet HTML 108Page - Texas Instruments XIO2000A Datasheet HTML 109Page - Texas Instruments XIO2000A Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 155 page
background image
PCI Express Extended Configuration Space
96
April 2007
SCPS155B
5.5
Uncorrectable Error Severity Register
The uncorrectable error severity register controls the reporting of individual errors as ERR_FATAL or
ERR_NONFATAL. When a bit is set, the corresponding error condition is identified as fatal. When a bit is
cleared, the corresponding error condition is identified as nonfatal. See Table 5−4 for a complete description
of the register contents.
PCI Express extended register offset:
10Ch
Register type:
Read-only, Read/Write
Default value:
0006 2011h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
1
0
0
0
0
0
0
0
0
1
0
0
0
1
Table 5−4. Uncorrectable Error Severity Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:21
RSVD
R
Reserved. Returns 000 0000 0000b when read.
20†
UR_ERROR_SEVR
RW
Unsupported request error severity
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
19†
ECRC_ERROR_SEVR
RW
Extended CRC error severity
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
18†
MAL_TLP_SEVR
RW
Malformed TLP severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL (default)
17†
RX_OVERFLOW_SEVR
RW
Receiver overflow severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL (default)
16†
UNXP_CPL_SEVR
RW
Unexpected completion severity
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
15†
CPL_ABORT_SEVR
RW
Completer abort severity
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
14†
CPL_TIMEOUT_SEVR
RW
Completion time-out severity
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
13†
FC_ERROR_SEVR
RW
Flow control error severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL (default)
12†
PSN_TLP_SEVR
RW
Poisoned TLP severity
0 = Error condition is signaled using ERR_NONFATAL (default)
1 = Error condition is signaled using ERR_FATAL
11:5
RSVD
R
Reserved. Returns 000 0000b when read.
4†
DLL_ERROR_SEVR
RW
Data link protocol error severity
0 = Error condition is signaled using ERR_NONFATAL
1 = Error condition is signaled using ERR_FATAL (default)
3:1
RSVD
R
Reserved. Return 000b when read.
0
RSVD
R
Reserved. Returns 1b when read.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com