Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 110 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 106Page - Texas Instruments XIO2000A Datasheet HTML 107Page - Texas Instruments XIO2000A Datasheet HTML 108Page - Texas Instruments XIO2000A Datasheet HTML 109Page - Texas Instruments XIO2000A Datasheet HTML 110Page - Texas Instruments XIO2000A Datasheet HTML 111Page - Texas Instruments XIO2000A Datasheet HTML 112Page - Texas Instruments XIO2000A Datasheet HTML 113Page - Texas Instruments XIO2000A Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 155 page
background image
PCI Express Extended Configuration Space
100
April 2007
SCPS155B
5.10 Secondary Uncorrectable Error Status Register
The secondary uncorrectable error status register reports the status of individual PCI bus errors as they occur.
Software may only clear these bits by writing a 1b to the desired location. See Table 5−8 for a complete
description of the register contents.
PCI Express extended register offset:
12Ch
Register type:
Read-only, Read/Clear
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5−8. Secondary Uncorrectable Error Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
R
Reserved. Returns 00 0000 0000 0000 0000b when read.
13†
BRIDGE_ERROR
R
Internal bridge error. This error bit is associated with a PCI-X error and returns 0b when read.
12†
SERR_DETECT
RCU
SERR assertion detected. This bit is asserted when the bridge detects the assertion of SERR
on the secondary bus.
11†
PERR_DETECT
RCU
PERR assertion detected. This bit is asserted when the bridge detects the assertion of PERR
on the secondary bus.
10†
DISCARD_TIMER
RCU
Delayed transaction discard timer expired. This bit is asserted when the discard timer expires
for a pending delayed transaction that was initiated on the secondary bus.
9†
UNCOR_ADDR
RCU
Uncorrectable address error. This bit is asserted when the bridge detects a parity error during
the address phase of an upstream transaction.
8†
ATTR_ERROR
R
Uncorrectable attribute error. This error bit is associated with a PCI-X error and returns 0b
when read.
7†
UNCOR_DATA
RCU
Uncorrectable data error. This bit is asserted when the bridge detects a parity error during a
data phase of an upstream write transaction, or when the bridge detects the assertion of
PERR when forwarding read completion data to a PCI device.
6†
SC_MSG_DATA
R
Uncorrectable split completion message data error. This error bit is associated with a PCI-X
error and returns 0b when read.
5†
SC_ERROR
R
Unexpected split completion error. This error bit is associated with a PCI-X error and returns
0b when read.
4
RSVD
R
Reserved. Returns 0b when read.
3†
MASTER_ABORT
RCU
Received master abort. This bit is asserted when the bridge receives a master abort on the
PCI interface.
2†
TARGET_ABORT
RCU
Received target abort. This bit is asserted when the bridge receives a target abort on the PCI
interface.
1†
SC_MSTR_ABORT
R
Master abort on split completion. This error bit is associated with a PCI-X error and returns 0b
when read.
0
RSVD
R
Reserved. Returns 0b when read.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com