Electronic Components Datasheet Search
  English  ▼

X  

XIO2000A Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2000A
Description  PCI Express to PCI Bus Translation Bridge
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000A Datasheet(HTML) 109 Page - Texas Instruments

Back Button XIO2000A Datasheet HTML 105Page - Texas Instruments XIO2000A Datasheet HTML 106Page - Texas Instruments XIO2000A Datasheet HTML 107Page - Texas Instruments XIO2000A Datasheet HTML 108Page - Texas Instruments XIO2000A Datasheet HTML 109Page - Texas Instruments XIO2000A Datasheet HTML 110Page - Texas Instruments XIO2000A Datasheet HTML 111Page - Texas Instruments XIO2000A Datasheet HTML 112Page - Texas Instruments XIO2000A Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 155 page
background image
PCI Express Extended Configuration Space
99
April 2007
SCPS155B
5.8
Advanced Error Capabilities and Control Register
The advanced error capabilities and control register allows the system to monitor and control the advanced
error reporting capabilities. See Table 5−7 for a complete description of the register contents.
PCI Express extended register offset:
118h
Register type:
Read-only, Read/Write
Default value:
0000 00A0h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
1
0
1
0
0
0
0
0
Table 5−7. Advanced Error Capabilities and Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:9
RSVD
R
Reserved. Returns 000 0000 0000 0000 0000 0000b when read.
8†
ECRC_CHK_EN
RW
Extended CRC check enable
0 = Extended CRC checking is disabled
1 = Extended CRC checking is enabled
7
ECRC_CHK_CAPABLE
R
Extended CRC check capable. This read-only bit returns a value of 1b indicating that the
bridge is capable of checking extended CRC information.
6†
ECRC_GEN_EN
RW
Extended CRC generation enable
0 = Extended CRC generation is disabled
1 = Extended CRC generation is enabled
5
ECRC_GEN_CAPABLE
R
Extended CRC generation capable. This read-only bit returns a value of 1b indicating that
the bridge is capable of generating extended CRC information.
4:0†
FIRST_ERR
RU
First error pointer. This 5-bit value reflects the bit position within the uncorrectable error
status register (offset 104h, see Section 5.3) corresponding to the class of the first error
condition that was detected.
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
5.9
Header Log Register
The header log register stores the TLP header for the packet that lead to the most recently detected error
condition. Offset 11Ch contains the first DWORD. Offset 128h contains the last DWORD (in the case of a 4DW
TLP header). Each DWORD is stored with the least significant byte representing the earliest transmitted.
These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.
PCI Express extended register offset:
11Ch, 120h, 124h, and 128h
Register type:
Read-only
Default value:
0000 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com