Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 43 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 43 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 39Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 40Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 41Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 42Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 43Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 44Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 45Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 47Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 462 page
background image
Chapter 1 TMPR3911/12 Overview
1-1
1.
TMPR3911/12 Overview
1.1
Overview
The TMPR3911/12 is the single-chip, integrated digital ASSP for the Personal Digital Assistants (PDA).
Figure 1.1.1 shows a block diagram of the overall PDA system. The TMPR3911/12 consists of the PDA
system support logic, integrated with an embedded TX39/H Processor core designed by TOSHIBA.
The TMPR3911/12 consists of a TX39/H Processor core with 4 Kbytes of instruction cache memory and 1
Kbyte of data cache memory, plus integrated functions for interfacing to numerous system components and
external
I/O
modules.
The
TX39/H
Processor
core
is
also
augmented
with
a
single-cycle
multiply/accumulate module to allow integrated DSP functions, such as a software modem for high-
performance standard data and fax protocols. The TMPR3911/12 also contains multiple DMA channels and
a high-performance and flexible Bus Interface Unit (BIU) for providing an efficient means for transferring
data between external system memory, cache memory, the Processor core, and external I/O modules. The
types of external memory devices supported include dynamic random access memory (DRAM), synchronous
dynamic random access memory (SDRAM), static random access memory (SRAM), Flash memory, read-
only memory (ROM), and expansion cards (PCMCIA and/or MagicCard). The TMPR3911/12 also contains
a System Interface Module (SIM) containing integrated functions for interfacing to numerous external I/O
modules such as liquid crystal displays (LCD’s), the TC35143 (which handles most of the analog functions
of the system, including sound and telecom codecs and touchscreen ADC), ISDN/high-speed serial, infrared,
wireless peripherals, Magicbus, etc. Lastly, The TMPR3911/12 contains support for implementation of
power management for PDA system, whereby various TMPR3911/12 internal modules and external
subsystems can be individually (under software control) powered up and down. The TMPR3911/12 contains
the following overall features:
•
high level of integration on a single chip, small board space, low pin count, low power, and high
performance
•
Plastic LQFP208-pin package (TMPR3912AU-92)
FBGA 217-pin package (TMPR3912XB-92)
Plastic LQFP176-pin package (TMPR3911BU)
FBGA177-pin package (TMPR3911BXB)
•
32-bit TX39/H Processor core, cache memory, multiply-accumulate module, multi-channel DMA
controller, bus interface unit and memory controller, power management, and other peripheral
subsystems all on a single integrated chip
•
minimal number of inter-chip connections
•
Maximum operation frequency: 58 MHz (TMPR3911BU and TMPR3911BXB)
92 MHz (TMPR3912AU-92 and XB-92)
•
low power consumption
•
entire TMPR3911/12 operation is 3.3 V (in case of TMPR3911BU/BXB, I/O: 3.3 V,
internal: 2.6 V)
•
real-time clock based on 32.768 kHz reference
•
Processor core clock stop state for low standby current
•
power-down modes for individual internal peripheral modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com