Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 82 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 82 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 78Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 80Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 81Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 83Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 84Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 85Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 462 page
background image
Chapter 2 Pin Descriptions
2-28
2.4.5
TMPR3912AU-92
P-LQFP208-2828-0.50A
D[17] (D[9])
VSS
D[16] (D[8])
VDD
NC
CS0*
RD*
VSS
VDD
DGRNT*
DREQ*
ALE
WE*
VDD
A[12]
A[11]
VSS
A[10]
A[9]
VDD
A[8]
A[7]
VSS
A[6]
A[5]
VDD
A[4]
VSS
A[3]
A[2]
VDD
A[1]
A[0]
VSS
VSS
DCS0*
RAS1*
RAS0*
CAS3* (CAS0*)
VDD
CAS2* (CAS1*)
CAS1* (CAS2*)
CAS0* (CAS3*)
VSS
VDD
DCKE
VSS
DCLKIN
DCLKOUT
VDD
DQMH (DQML)
DQML (DQMH)
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
VDD
IO[1]
VSS
VDAT[3]
VDAT[2]
VDAT[1]
VDAT[0]
VDD
VSS
CP
LOAD
DF
VSS
FRAME
DISPON
VDD
CPURES*
PON*
ONBUTN
NC
PWROK
PWRlNT
PWRCS
VSS
C32KOUT
C32KlN
VDD
BC32K
VCC3
VSS
TESTAIU
VIDDONE
TESTIN
TESTCPU
VDD
SPIOUT
SPIIN
SPICLK
VSS
IO[2]
IO[3]
RXPWR
CARDET
VDD
VSS
IROUT
IRIN
NC
IO[4]
TXD
RXD
VDD
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com