Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 76 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 76 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 72Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 73Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 74Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 75Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 77Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 78Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 80Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 462 page
background image
Chapter 2 Pin Descriptions
2-22
Table 2.4.3 Pin Assignment (3/3)
LQFP NO.
(TMPR3912)
FBGA
NO.
I/O
Signal Name
LQFP NO.
(TMPR3912)
FBGA
NO.
I/O
Signal Name
185
D8
I/O
A[3]
203
D5
VSS
186
F7
I/O
A[2]
204
A3
I
DCLKIN
187
A7
VDD
205
B3
O
DCLKOUT
188
B7
I/O
A[1]
206
D4
VDD
189
C7
I/O
A[0]
207
B2
O
DQMH (DQML)
190
D7
VSS
208
A2
O
DQML (DQMH)
191
E7
VSS
B13
NC
192
A6
O
DCS0*
F6
NC
193
B6
O
RAS1*
F8
NC
194
C6
O
RAS0*
F10
NC
195
D6
O
CAS3* (CAS0*)
G7
NC
196
A5
VDD
H5
NC
197
B5
O
CAS2* (CAS1*)
H10
NC
198
C5
O
CAS1* (CAS2*)
K6
NC
199
E6
O
CAS0* (CAS3*)
K8
NC
200
A4
VSS
K10
NC
201
B4
VDD
N9
NC
202
C4
O
DCKE
P3
NC
<NOTE>
(1)
* Active-low signal
(2)
( ) indicates the signal name in the little endian mode
(3)
The signal name change regarding DQMH/L is applied only to TMPR3912AU-92.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com