Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 63 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 63 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 61Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 62Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 63Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 64Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 65Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 66Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 67Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 462 page
background image
Chapter 2 Pin Descriptions
2-9
2.2.8
Power Module Pins
ONBUTN:
INPUT
Asserting this signal will cause PWRCS to be asserted if the PWROK signal is high.
PWRCS:
OUTPUT
This signal is asserted automatically if the ONBUTN signal is asserted when the PWROK signal
is high. Clearing the PWRCS bit in the Power Control Register by software deasserts this signal.
PWROK:
INPUT
This pin should be asserted when the source of power is stable.
When the PWROKNMI bit in the Interrupt Status 6 Register is set, the deassertion of the
PWROK signal causes the NMI (Non Maskable Interrupt).
PWRINT:
INPUT
The rising edge and falling edge of signal to this pin causes PWRINT interrupt request.
VCC3:
INPUT
This pin should be asserted when the source of power for external circuit is stable.
Asserting this pin starts oscillating the internal clock.
For more details of these pins, see chapter 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com