Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 75 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 75 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 71Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 72Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 73Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 74Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 75Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 77Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 78Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 79Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 462 page
background image
Chapter 2 Pin Descriptions
2-21
Table 2.4.2 Pin Assignment (2/3)
LQFP NO.
(TMPR3912)
FBGA
NO.
I/O Signal Name
LQFP NO.
(TMPR3912)
FBGA
NO.
I/O
Signal Name
89
P10
VDD
137
G13
VDD
90
N10
O
DISPON
138
(G12)
I/O
D[28] (D[4])
91
M10
O
FRAME
139
(G11)
I/O
D[27] (D[3])
92
R11
VSS
140
F15
VSS
93
P11
O
DF
141
F14
I/O
D[26] (D[2])
94
N11
O
LOAD
142
F13
VSS
95
L10
O
CP
143
F12
I/O
D[25] (D[1])
96
R12
VSS
144
E15
VDD
97
P12
VDD
145
E14
I/O
D[24] (D[0])
98
N12
O
VDAT[0]
146
E13
I/O
D[23] (D[15])
99
M11
O
VDAT[1]
147
F11
VDD
100
R13
O
VDAT[2]
148
D15
I/O
D[22] (D[14])
101
P13
O
VDAT[3]
149
D14
VSS
102
M12
VSS
150
D13
I/O
D[21] (D[13])
103
P14
I/O
IO[1]
151
E12
VDD
104
R14
VDD
152
C15
I/O
D[20] (D[12])
105
R15
I
CARD2WAIT*
153
C14
I/O
D[19] (D[11])
106
N13
O
CARD2CSH*
154
D12
VSS
107
L11
O
CARD2CSL*
155
B14
I/O
D[18] (D[10])
108
P15
I/O
IO[0]
156
B15
VDD
109
N14
VSS (PLL)
157
A15
I/O
D[17] (D[9])
110
L12
O
CARDIORD*
158
C13
VSS
111
N15
O
CARDIOWR*
159
E11
I/O
D[16] (D[8])
112
M13
O
CARDREG*
160
A14
VDD
113
M14
I
CARD1WAIT*
161
NC
114
K11
VDD (PLL)
162
D11
O
CS0*
115
M15
O
CARDDIR*
163
A13
O
RD*
116
L13
VDD
164
C12
VSS
117
L14
O
CARD1CSL*
165
B12
VDD
118
K12
O
CARD1CSH*
166
E10
O
DGRNT*
119
L15
VSS
167
A12
I
DREQ*
120
K13
O
MCS3*
168
C11
O
ALE
121
K14
O
MCS2*
169
B11
O
WE*
122
J11
O
MCS1*
170
D10
VDD
123
K15
O
MCS0*
171
A11
I/O
A[12]
124
J12
O
CS3*
172
C10
I/O
A[11]
125
J13
O
CS2*
173
B10
VSS
126
J14
O
CS1*
174
E9
I/O
A[10]
127
J15
VDD
175
A10
I/O
A[9]
128
J10
I
SYSCLKIN
176
D9
VDD
129
H11
O
SYSCLKOUT
177
C9
I/O
A[8]
130
H13
VSS
178
B9
I/O
A[7]
131
H15
VSS
179
A9
VSS
132
H14
VDD
180
F9
I/O
A[6]
133
H12
I/O
D[31] (D[7])
181
E8
I/O
A[5]
134
G10
I/O
D[30] (D[6])
182
C8
VDD
135
G15
VSS
183
A8
I/O
A[4]
136
G14
I/O
D[29] (D[5])
184
B8
VSS
<NOTE>
(1)
* Active-low signal
(2)
( ) indicates the signal name in the little endian mode
(3)
The signal name change regarding DQMH/L is applied only to TMPR3912AU-92.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com