Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 91 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 91 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 87Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 88Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 89Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 90Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 91Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 95Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 462 page
background image
Chapter 3 CPU Module
3-7
3.3.6
TLB
The TLB in the TX39/H core is based on R3000.
The differences between the TLB in the TX39/H core and the TLB in the R3000 are as follows.
(1)
Kseg2 TLB Mapping Area
The address from 0xFF00_0000 to 0xFFFE_FFFF in Kseg2 is a reserved area.
The following table shows the address mapping of the TX39/H core.
Segment
Virtual Address
Physical Address
Cacheable
Kseg2
0xFFFF_FFFF
0xFFFF_0000
TLB Mapped
Yes
Reserved
0xFFFE_FFFF
0xFF00_0000
0xFFFE_FFFF
0xFF00_0000
No
Kseg2
0xFEFF_FFFF
0xC000_0000
TLB Mapped
Yes
Kseg1
0xBFFF_FFFF
0xA000_0000
0x1FFF_FFFF
0x0000_0000
No
Kseg0
0x9FFF_FFFF
0x8000_0000
0x1FFF_FFFF
0x0000_0000
Yes
Kuseg
0x7FFF_FFFF
0xC000_0000
TLB Mapped
Yes
(2) Multi-hit Detection
Even though some of virtual address in the TLB entries are same, the TX39/H core does not
detect multi-hit while the R3000 detects it.
(3) The Number of TLB Entries
The TX39/H core has 32 TLB entries while the R3000 has 64 TLB entries.
3.3.6.1
Memory Management System
The TX39/H provides a full-featured memory management unit (MMU) utilizing an on-chip
Translation Lookaside Buffer (TLB) to provide very fast virtual memory accesses. This chapter
describes the operation of the TLB and the CP0 registers that provide the software interface to the
TLB. The memory mapping scheme supported by the TX39/H to translate virtual addresses to
physical addresses is also described in detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com