Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 86 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 86 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 83Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 84Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 85Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 86Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 87Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 88Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 89Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 90Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 462 page
background image
Chapter 3 CPU Module
3-2
3.2
CPU Core
3.2.1
Description
There are several enhancements for the PDA system. These additional key features of the CPU core
are:
•
Translation Look-aside Buffer (TLB) (4 Kbyte Page size, 32 Entries)
•
4 Kbyte instruction cache (I-cache)
•
16 bytes (4 words) per line (256 lines total)
•
physical address tag per cache line
•
single valid bit per cache line
•
programmable burst size (16 bytes to 128 bytes)
•
instruction streaming mode supported
•
direct-mapped
•
1 Kbyte data cache (D-cache)
•
4 bytes (1 word) per line (128 lines total)
•
physical address tag per cache line
•
single valid bit per cache line
•
programmable burst size (16 bytes to 128 bytes); burst refill can be disabled
•
write-through
•
two-way set associative
•
cache address snoop mode supported for DMA
•
32
× 32 on-chip hardware multiplier
•
supports 32
× 32 (single-cycle) multiplier operations, with 64-bit accumulator
•
signed or unsigned data formats
•
accumulator supports sign-extension and overflow status
•
existing multiply instructions are enhanced and new multiply and add instructions are added
to the MIPS I instruction set to improve the performance of DSP applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com