Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 48 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 48 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 44Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 45Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 47Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 48Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 49Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 50Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 51Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 52Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 462 page
background image
Chapter 1 TMPR3911/12 Overview
1-6
Clock Module
•
the TMPR3911/12 supports system-wide single crystal configuration, besides the 32 kHz RTC XTAL
(reduces cost, power, and board space)
•
common crystal rate divided to generate clock for CPU, video, sound, telecom, UARTs, etc.
•
independent enabling or disabling of individual clocks under software control, for power management
CHI Module
•
high-speed serial Concentration Highway Interface (CHI) contains logic for interfacing to external full-
duplex serial time-division-multiplexed (TDM) communication peripherals
•
supports ISDN line interface chips and other PCM/TDM serial devices
•
CHI interface is programmable (number of channels, frame rate, bit rate, etc.) to provide support for a
variety of formats
•
supports data rates up to 4.096 Mbps
•
independent DMA support for CHI receive and transmit
Interrupt Module
•
contains logic for individually enabling, reading, and clearing all TMPR3911/12 interrupt sources
•
interrupts generated from internal TMPR3911/12 modules or from edge transitions on external signal
pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com