Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 70Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 71Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 72Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 73Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 74Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 75Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 77Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 462 page
background image
Chapter 2 Pin Descriptions
2-20
2.4
Pin Assignment
2.4.1
Pin assignment (in case of TMPR3912AU-92 and TMPR3912XB-92)
Table 2.4.1 Pin Assignment (1/3)
LQFP NO.
(TMPR3912)
FBGA
NO.
I/O
Signal
Name
LQFP NO.
(TMPR3912)
FBGA
NO.
I/O
Signal
Name
1A1
VDD
45
M2
I/O
MIOX[0]
2
C3
I/O
D[0] (D[24])
46
M3
I/O
IO[6]
3E5
VSS
47
L4
I/O
IO[5]
4
B1
I/O
D[1] (D[25])
48
N1
VSS
5
C2
I/O
D[2] (D[26])
49
N2
I/O
CHICLK
6E4
VDD
50
M4
I/O
CHIFS
7
C1
I/O
D[3] (D[27])
51
P2
I
CHIDIN
8D3
VSS
52
P1
O
CHIDOUT
9
D2
I/O
D[4] (D[28])
53
R1
VDD
10
F5
VDD
54
N3
I
RXD
11
D1
I/O
D[5] (D[29])
55
L5
O
TXD
12
E3
I/O
D[6] (D[30])
56
R2
I/O
IO[4]
13
E2
VSS
57
NC
14
F4
I/O
D[7] (D[31])
58
M5
I
IRIN
15
E1
VSS
59
R3
O
IROUT
16
F3
I/O
D[8] (D[16])
60
N4
VSS
17
F2
VDD
61
P4
VDD
18
G5
I/O
D[9] (D[17])
62
L6
I
CARDET
19
F1
I/O
D[10] (D[18])
63
R4
O
RXPWR
20
G4
VSS
64
N5
I/O
IO[3]
21
G3
I/O
D[11] (D[19])
65
P5
I/O
IO[2]
22
G2
VDD
66
M6
VSS
23
G1
I/O
D[12] (D[20])
67
R5
O
SPICLK
24
G6
I/O
D[13] (D[21])
68
N6
I
SPIIN
25
H6
VSS
69
P6
O
SPIOUT
26
H3
I/O
D[14] (D[22])
70
L7
VDD
27
H1
I/O
D[15] (D[23])
71
R6
I
TESTCPU
28
H2
VDD
72
M7
I
TESTIN
29
H4
I
ENDIAN
73
N7
O
VIDDONE
30
J6
I/O
MIOX[1]
74
P7
I
TESTAIU
31
J1
I
MBUSINT
75
R7
VSS
32
J2
I/O
MBUSDATA
76
K7
I
VCC3
33
J3
VSS
77
L8
O
BC32K
34
J4
I/O
MBUSCLK
78
N8
VDD
35
J5
VDD
79
R8
I
C32KlN
36
K1
VDD
80
P8
O
C32KOUT
37
K2
O
SIBMCLK
81
M8
VSS
38
K3
VSS
82
K9
O
PWRCS
39
K4
O
SIBSCLK
83
R9
I
PWRlNT
40
L1
O
SIBSYNC
84
P9
I
PWROK
41
L2
I
SIBDIN
85
NC
42
L3
O
SIBDOUT
86
M9
I
ONBUTN
43
K5
VDD
87
L9
I
PON*
44
M1
I
SIBIRQ
88
R10
I
CPURES*
<NOTE>
(1)
* Active-low signal
(2)
( ) indicates the signal name in the little endian mode
(3)
The signal name change regarding DQMH/L is applied only to TMPR3912AU-92.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com