Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 92 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 92 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 88Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 89Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 90Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 91Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 96Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 462 page
background image
Chapter 3 CPU Module
3-8
3.3.6.2
Memory System Architecture
The TX39/H’s virtual memory system logically expands the CPU’s physical memory space by
translating addresses composed in a large virtual address space into the physical memory space of
the TX39/H.
Figure 3.3.2 shows the form of an TX39/H virtual address. The most significant 20 bits of a 32-
bit virtual address are called the virtual page number, or VPN. The VPN allows mapping of 4
Kbyte pages, while the least significant 12 bits (the offset within a page) are passed along
unchanged to form the physical address. The three most significant bits of VPN (bits 31..29)
further define how addressed are mapped according to whether the TX39/H is in user mode or
kernel mode (these modes are described in the paragraphs that follow).
0 x x
Kuseg
1 0 0
Kseg0
1 0 1
Kseg1
1 1 x
Kseg2
Offset
VPN
12
20
29
30
31
0
11
12
31
Figure 3.3.2 Virtual Address Format
A 6-bit process identifier field is appended to each virtual address to form unique virtual
addresses for up to 64 processes. The mapping of these extended, process-unique virtual addresses
to physical addresses need not be one-to-one; virtual addresses of two or more different processes
may map to the same physical address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com