Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 61Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 62Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 63Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 64Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 462 page
background image
Chapter 2 Pin Descriptions
2-7
2.2.4
CHI Pins
CHIFS:
INPUT/OUTPUT
This pin is the CHI frame synchronization signal. This pin is available for use in one of two
modes. As an output, this pin allows the TMPR3911/12 to be the master CHI sync source. As an
input, this pin allows an external peripheral to be the master CHI sync source and the
TMPR3911/12 CHI module will slave to this external sync.
CHICLK:
INPUT/OUTPUT
This pin is the CHI clock signal. This pin is available for use in one of two modes. As an output,
this pin allows the TMPR3911/12 to be the master CHI clock source. As an input, this pin allows
an external peripheral to be the master CHI clock source and the TMPR3911/12 CHI module will
slave to this external clock.
CHIDOUT:
OUTPUT
This pin is the CHI serial data output signal.
CHIDIN:
INPUT
This pin is the CHI serial data input signal.
2.2.5
IO Pins
IO[6:0]:
INPUT/OUTPUT
These pins are general purpose input/output ports. Each port can be independently programmed
as an input or output port. Each port can generate a separate positive and negative edge interrupt.
Each port can also be independently programmed to use a 16 to 24 ms debouncer.
MFIO[1:0]:
INPUT/OUTPUT
These pins are multi-function input/output ports. Each port can be independently programmed as
an input or output port, or can be programmed for multi-function use to support test signals (for
debugging purposes only). Each port can generate a separate positive and negative edge interrupt.
Note that 30 other multi-function pins are available for usage as multi-function input/output ports.
These pins are named after their respective standard/normal function and are not listed here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com