Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 78 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 78 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 74Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 75Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 77Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 78Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 80Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 81Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 82Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 462 page
background image
Chapter 2 Pin Descriptions
2-24
Table 2.4.5 Pin Assignment (2/2)
NO.
I/O
Signal Name
NO.
I/O
Signal Name
NO.
I/O
Signal Name
121
I/O
D[25] (D [1])
161
I/O
A[0]
122
VDDH
162
VSS
123
I/O
D[24] (D [0])
163
O
DCS0*
124
I/O
D[23] (D [15])
164
O
RAS1*
125
I/O
D[22] (D [14])
165
O
RAS0*
126
VSS
166
O
CAS3* (CAS0*)
127
I/O
D[21] (D [13])
167
O
CAS2* (CAS1*)
128
I/O
D[20] (D [12])
168
O
CAS1* (CAS2*)
129
I/O
D[19] (D [11])
169
O
CAS0* (CAS3*)
130
VSS
170
VDDH
131
I/O
D[18] (D [10])
171
O
DCKE
132
VDDL
172
I
DCLKIN
133
I/O
D[17] (D [9])
173
O
DCLKOUT
134
VSS
174
NC
135
NC
175
O
DQMH(DQML)
136
I/O
D[16] (D [8])
176
O
DQML(DQMH)
137
VDDH
138
O
CS0*
139
O
RD*
140
VSS
141
VDDL
142
O
DGRNT*
143
I
DREQ*
144
O
ALE
145
O
WE*
146
I/O
A[12]
147
I/O
A[11]
148
I/O
A[10]
149
I/O
A[9]
150
VDDH
151
I/O
A[8]
152
I/O
A[7]
153
VSS
154
I/O
A[6]
155
I/O
A[5]
156
I/O
A[4]
157
I/O
A[3]
158
I/O
A[2]
159
VDDL
160
I/O
A[1]
<NOTE>
(1)
* Active-low signal
(2)
( ) indicates the signal name in the little endian mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com