Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 80 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 80 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 77Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 78Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 80Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 81Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 83Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 84Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 462 page
background image
Chapter 2 Pin Descriptions
2-26
Table 2.4.7 Pin Assignment (2/2)
NO.
I/O
Signal Name
NO.
I/O
Signal Name
NO.
I/O
Signal Name
D12
O
CS0*
P14
VSS
E12
I/O
D[26] (D[2])
R14
VDDH
F12
I/O
D[29] (D[5])
A15
NC
G12
VDDL
B15
VDDL
H12
O
SYSCLKOUT
C15
I/O
D[18] (D[10])
J12
O
CS2*
D15
I/O
D[19] (D[11])
K12
O
MCS3*
E15
I/O
D[22] (D[14])
L12
VDD (PLL)
F15
I/O
D[25] (D[1])
M12
O
CARDIORD*
G15
I/O
D[28] (D[4])
N12
O
CP
H15
VDDH
P12
O
VDAT[0]
J15
O
MCS0*
R12
O
VDAT[3]
K15
O
CARD1CSH*
A13
VSS
L15
I
CARD1WAIT*
B13
I/O
D[16] (D[8])
M15
VSS (PLL)
C13
I/O
D[21] (D[13])
N15
O
CARD2CSH*
D13
I/O
D[23] (D[15])
P15
I
CARD2WAIT*
E13
VDDH
R15
O
CARD2CSL*
F13
I/O
D[27] (D[3])
G13
I/O
D[30] (D[6])
H13
O
CS3*
J13
O
CS1*
K13
O
MCS2*
L13
O
CARDDIR*
M13
O
CARDIOWR*
N13
O
VDAT[1]
P13
O
VDAT[2]
R13
I/O
IO[1]
A14
I/O
D[17] (D[9])
B14
VSS
C14
I/O
D[20] (D[12])
D14
VSS
E14
I/O
D[24] (D[0])
F14
VSS
G14
I/O
D[31] (D[7])
H14
VSS
J14
I
SYSCLKIN
K14
O
MCS1*
L14
O
CARD1CSL*
M14
O
CARDREG*
N14
I/O
IO[0]
<NOTE>
(1)
* Active-low signal
(2)
( ) indicates the signal name in the little endian mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com