Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 96 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 96 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 92Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 93Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 94Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 96Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 97Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 98Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 99Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 100Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 462 page
background image
Chapter 3 CPU Module
3-12
3.3.6.8
EntryHi & EntryLo Registers (CP0 register No.10, No.2)
These two registers provide the data pathway through which the TLB is read, written, or
probed. When address translation exceptions occur, these registers are loaded with relevant
information about the address that caused the exception. The format of the EntryHi and EntryLo
register pair a is the same as the format of TLB entry and is illustrated in Figure 3.3.6.
EntryLo is the natural form of a Page Table Entry (PTE); however, since PTEs are always
loaded by system software, not by the TX39/H hardware, an operating system can use another
format for memory-resident PTEs.
TLB EntryHi Register (CP0 register No.10)
32
37
38
43
44
63
PID
0
VPN
6
20
6
VPN
Virtual Page Number. Bits 31..12 of virtual address.
PID
Process ID Process ID field. A 6-bit field which lets multiple processes share the TLB while each
process has a distinct mapping of otherwise identical virtual page numbers.
0
Reserved. Currently ignores writes, returns zero when read.
TLB EntryLo Register (CP0 register No.2)
0
7
8
9
10
11
12
31
G
PFN
20
1
0
8
V
1
D
1
N
1
PFN
Page Frame Number. Bits 31..12 of the physical address. The TX39/H maps a virtual page to PFN.
N
Non-cacheable. If this bit is set, the page is marked as non-cacheable and the TX39/H directly
accesses main memory instead of first accessing the cache.
D
Dirty. If this bit is set, the page is marked as “dirty” and therefore writable. This bit is actually a “write-
protect” bit that software can use to prevent alteration of data. If an entry is accessed for a write
operation when the D bit is cleared, the TX39/H causes a TLB Mod trap. The TLB entry is not modified
on such a trap.
V
Valid. If this bit it set, it indicates that the TLB entry is valid; otherwise, a TLBL or TLBS Miss occurs.
G
Global. If this bit it set, the TX39/H ignores the PID match requirement for valid translation. In kseg2,
the Global bit lets the kernel access all mapped data without requiring it to save or restore PID
(Process ID) values.
0
Reserved. Currently ignores writes, returns zero when read.
Figure 3.3.6 The TLB EntryHi & EntryLo Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com