Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 79 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 79 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 75Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 76Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 77Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 78Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 80Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 81Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 83Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 462 page
background image
Chapter 2 Pin Descriptions
2-25
2.4.3
Pin Assignment (in case of TMPR3911BXB)
Table 2.4.6 Pin Assignment (1/2)
NO.
I/O
Signal Name
NO.
I/O
Signal Name
NO.
I/O
Signal Name
A1
I/O
D[1] (D[25])
L3
I
SIBDIN
D7
I/O
A[3]
B1
VDDH
M3
NC
M7
I
VCC3
C1
I/O
D[0] (D[24])
N3
I/O
IO[6]
N7
O
BC32K
D1
I/O
D[3] (D[27])
P3
I
IRIN
P7
I
C32KIN
E1
I/O
D[5] (D[29])
R3
O
TXD
R7
O
VIDDONE
F1
I/O
D[9] (D[17])
A4
O
DCLKOUT
A8
VSS
G1
I/O
D[12] (D[20])
B4
VDDH
B8
I/O
A[4]
H1
VDDH
C4
O
CAS1* (CAS2*)C8
I/O
A[6]
J1
VDDH
D4
VSS
D8
I/O
A[5]
K1
O
SIBSYNC
E4
VDDL
M8
O
C32KOUT
L1
I
SIBIRQ
F4
I/O
D[10] (D[18])
N8
I
TESTAIU
M1
I/O
IO[5]
G4
I/O
D[14] (D[22])
P8
VSS
N1
I
CHIDIN
H4
I/O
MIOX[1]
R8
VDDH
P1
O
CHIDOUT
J4
I/O
MBUSDATA
A9
I/O
A[9]
R1
I/O
IO[4]
K4
VDDL
B9
I/O
A[7]
A2
O
DQML (DQMH)
L4
O
SIBSCLK
C9
I/O
A[8]
B2
NC
M4
VSS
D9
VDDH
C2
I/O
D[2] (D[26])
N4
I
CARDET
M9
O
PWRCS
D2
I/O
D[6] (D[30])
P4
I/O
IO[3]
N9
I
PWROK
E2
I/O
D[8] (D[16])
R4
O
IROUT
P9
I
PWRINT
F2
I/O
D[11] (D[19])
A5
O
CAS0* (CAS3*)R9
I
ONBUTN
G2
I
ENDIAN
B5
O
CAS2* (CAS1*)A10
O
WE*
H2
I
MBUSINT
C5
O
CAS3* (CAS0*)
B10
I/O
A[10]
J2
VSS
D5
O
RAS1*
C10
I/O
A[11]
K2
VSS
E5
NC
D10
I/O
A[12]
L2
O
SIBDOUT
M5
VDDL
M10
VDDL
M2
I/O
MIOX[0]
N5
I/O
IO[2]
N10
I
PON*
N2
I/O
CHICLK
P5
O
SPICLK
P10
I
CPURES*
P2
I/O
CHIFS
R5
O
RXPWR
R10
O
DISPON
R2
I
RXD
A6
O
RAS0*
A11
VDDL
A3
O
DQMH (DQML)
B6
O
DCS0*
B11
O
ALE
B3
I
DCLKIN
C6
VSS
C11
I
DREQ*
C3
O
DCKE
D6
I/O
A[0]
D11
O
DGRNT*
D3
I/O
D[4] (D[28])
M6
O
SPIOUT
M11
O
FRAME
E3
I/O
D[7] (D[31])
N6
I
TESTCPU
N11
O
LOAD
F3
VSS
P6
I
TESTIN
P11
O
DF
G3
I/O
D[15] (D[23])
R6
I
SPIIN
R11
VSS
H3
I/O
D[13] (D[21])
A7
I/O
A[1]
A12
VDDH
J3
I/O
MBUSCLK
B7
I/O
A[2]
B12
VSS
K3
O
SIBMCLK
C7
VDDL
C12
O
RD*
<NOTE>
(1)
* Active-low signal
(2)
( ) indicates the signal name in the little endian mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com