Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 57 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 57 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 53Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 54Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 55Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 56Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 57Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 61Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 462 page
background image
Chapter 2 Pin Descriptions
2-3
WE*:
OUTPUT
This pin is used as the write signal for the system. This signal is asserted for writes to MCS3-0*,
CS3-0*, CARD2CS* and CARD1CS* for memory and attribute space, and for writes to DRAM
and SDRAM.
CAS0* (WE0*):
OUTPUT
This pin is used as the CAS signal for SDRAMs, the CAS signal for D[7:0] for DRAMs, and the
write enable signal for D[7:0] for static devices.
CAS1* (WE1*):
OUTPUT
This pin is used as the CAS signal for D[15:8] for DRAMs and the write enable signal for
D[15:8] for static devices.
CAS2* (WE2*):
OUTPUT
This pin is used as the CAS signal for D[23:16] for DRAMs and the write enable signal for
D[23:16] for static devices. Also used as the bank select signal for SDRAM (applies only to
TMPR3912XB-92/AU-92)
CAS3* (WE3*):
OUTPUT
This pin is used as the CAS signal for D[31:24] for DRAMs and the write enable signal for
D[31:24] for static devices.
RAS0*:
OUTPUT
This pin is used as the RAS signal for SDRAMs and the RAS signal for Bank0 DRAMs.
RAS1* (DCS1*):
OUTPUT
This pin is used as the chip select signal for Bank1 SDRAMs and the RAS signal for Bank1
DRAMs.
DCS0*:
OUTPUT
This pin is used as the chip select signal for Bank0 SDRAMs.
DCKE:
OUTPUT
This pin is used as the clock enable for SDRAMs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com