Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 47 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 47 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 43Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 44Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 45Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 47Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 48Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 49Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 50Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 462 page
background image
Chapter 1 TMPR3911/12 Overview
1-5
BIU Module
•
system memory and the TMPR3911/12 Bus Interface Unit (BIU)
•
supports up to 2 banks of physical memory
•
supports self-refreshing DRAM and SDRAM
•
programmable parameters for each bank of DRAM or SDRAM (row/column address
configuration, refresh, burst modes, etc.)
•
programmable chip select memory access
•
4 programmable (size, wait states, burst mode control) memory device and general purpose chip
selects
•
available for system ROM, SRAM, Flash
•
available for external port expansion registers
•
4 programmable (wait states, burst mode control) MagicCard or general purpose chip selects
•
the TMPR3911/12 provides the chip select and card detect signals
•
supports card insertion/removal timeouts
•
supports up to 2 identical PCMCIA ports
•
the TMPR3911/12 and the TC35143 provide the control signals and accepts the status signals
•
appropriate connector keying and level-shifting buffers required for 3.3 V versus 5 V PCMCIA
interface implementations
SIU Module
•
multi-channel 32-bit DMA controller and System Interface Unit (SIU)
•
independent DMA channels for video, Magicbus, SIB to/from TC35143 audio/telecom codecs, high-
speed serial port, IR UART, and general purpose UART
•
address decoding for submodules within System Interface Module (SIM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com