Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 65 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 65 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 61Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 62Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 63Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 64Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 65Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 66Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 67Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 68Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 69Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 462 page
background image
Chapter 2 Pin Descriptions
2-11
2.2.10
SPI Pins
SPICLK:
OUTPUT
This pin is used to clock data in and out of the SPI slave device.
SPIOUT:
OUTPUT
This pin contains the data that is shifted into the SPI slave device.
SPIIN:
INPUT
This pin contains the data that is shifted out of the SPI slave device.
2.2.11
UART and IR Pins
TXD:
OUTPUT
This pin is the UART transmit signal from the UARTA module.
RXD:
INPUT
This pin is the UART receive signal to the UARTA module.
IROUT:
OUTPUT
This pin is the UART transmit signal from the UARTB module or the Consumer IR output
signal if Consumer IR mode is enabled.
IRIN:
INPUT
This pin is the UART receive signal to the UARTB module.
RXPWR:
OUTPUT
This pin is the receiver power output control signal to the external communication IR analog
circuitry.
CARDET:
INPUT
This pin is the carrier detect input signal from the external communication IR analog circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com