Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 68 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 68 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 64Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 65Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 66Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 67Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 68Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 69Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 70Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 71Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 72Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 462 page
background image
Chapter 2 Pin Descriptions
2-14
2.3
Pin Mode
This section contains tables summarizing various aspects of the pin usage for the TMPR3911/12. Table
2.3.1 lists the standard versus multi-function usage for each TMPR3911/12 pin, if applicable. The column
showing the multi-function select indicates the corresponding bit in the MIOSEL register, as well as the
default configuration of each multi-function pin during reset. The “Bus Arb State” column shows which pins
are tri-stated whenever the DGRNT* signal is asserted in response to a DREQ* (external bus arbitration
request).
Table 2.3.1 TMPR3911/12 Standard and Multi-Function Pin Mode (1/3)
multi-function select
1
= multi-function mode
0
= standard function mode
TMPR3911/12 pin
standard function
(I
= input,
O
= output)
multi-function
MIOSEL
reset state
Bus Arb
State
D[31:0]
D[31:0] (I/O)
–
–
–
Hi-Z
A[12:0]
A[12:0] (I/O)
–
–
–
Hi-Z
ALE
ALE (O)
–
–
–
Hi-Z
RD*
RD* (O)
–
–
–
Hi-Z
WE*
WE* (O)
–
–
–
Hi-Z
CAS0* (WE0*)
CAS0* (O)
–
–
–
Hi-Z
CAS1* (WE1*)
CAS1* (O)
–
–
–
Hi-Z
CAS2* (WE2*)
CAS2* (O)
–
–
–
Hi-Z
CAS3* (WE3*)
CAS3* (O)
–
–
–
Hi-Z
RAS0*
RAS0* (O)
–
–
–
Hi-Z
RAS1* (DCS1)*
RAS1* (O)
–
–
–
Hi-Z
DCS0*
DCS0* (O)
–
–
–
Hi-Z
DCKE
DCKE (O)
–
–
–
Hi-Z
DCLKIN
DCLKIN (I)
–
–
–
–
DCLKOUT
DCLKOUT (O)
–
–
–
Hi-Z
DQMH
DQMH (O)
–
–
–
Hi-Z
DQML
DQML (O)
–
–
–
Hi-Z
DREQ*
DREQ* (I)
MIO[27]
MIOSEL[27]
0
–
DGRNT*
DGRNT* (O)
MIO[26]
MIOSEL[26]
0
–
SYSCLKIN
SYSCLKIN (I)
–
–
–
–
SYSCLKOUT
SYSCLKOUT (O)
–
–
–
–
C32KIN
C32KIN (I)
–
–
–
–
C32KOUT
C32KOUT (O)
–
–
–
–
BC32K
BC32K (O)
MIO[25]
MIOSEL[25]
1
–
VDAT[3]
VDAT[3] (O)
–
–
–
–
VDAT[2]
VDAT[2] (O)
–
–
–
–
VDAT[1]
VDAT[1] (O)
–
–
–
–
VDAT[0]
VDAT[0] (O)
–
–
–
–
CP
CP (O)
–
–
–
–
LOAD
LOAD (O)
–
–
–
–
DF
DF (O)
–
–
–
–
FRAME
FRAME (O)
–
–
–
–
DISPON
DISPON (O)
–
–
–
–
PWRCS
PWRCS (O)
–
–
–
–
PWRINT
PWRINT (I)
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com