Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 66Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 67Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 68Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 69Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 70Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 71Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 72Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 73Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 462 page
background image
Chapter 2 Pin Descriptions
2-16
Table 2.3.3 TMPR3911/12 Standard and Multi-Function Pin Mode (3/3)
multi-function select
1
= multi-function mode
0
= standard function mode
TMPR3911/12 pin
standard function
(I
= input,
O
= output)
multi-function
MIOSEL
reset state
Bus Arb
State
CARDREG*
CARDREG* (O)
(SHOWDINO CS*)
MIO[11]
MIOSEL[11]
1
–
CARDIOWR*
CARDIOWR* (O)
MIO[10]
MIOSEL[10]
1
–
CARDIORD*
CARDIORD* (O)
MIO[9]
MIOSEL[9]
1
–
CARD1CSL*
CARD1CSL* (O)
MIO[8]
MIOSEL[8]
1
–
CARD1CSH
CARD1CSH* (O)
MIO[7]
MIOSEL[7]
1
–
CARD2CSL*
CARD2CSL* (O)
MIO[6]
MIOSEL[6]
1
–
CARD2CSH*
CARD2CSH* (O)
MIO[5]
MIOSEL[5]
1
–
CARD1WAIT*
CARD1WAIT* (I)
MIO[4]
MIOSEL[4]
1
–
CARD2WAIT*
CARD2WAIT* (I)
MIO[3]
MIOSEL[3]
1
–
CARDDIR*
CARDDIR* (O)
MIO[2]
MIOSEL[2]
1
–
MFIO[1]
reserved
MIO[1]
MIOSEL[1]
1
–
MFIO[0]
reserved
MIO[0]
MIOSEL[0]
1
–
ENDIAN
ENDIAN (I)
–
–
–
–
NC[3:1]
SPARE
–
–
–
–
VDD
+3.3 V (*1)
–
–
–
–
VSS
GND
–
–
–
–
VDDH
+3.3 V (*2)
–
–
–
–
VDDL
+2.6 V (*2)
–
–
–
–
*1) In case of TMPR3912AU-92 and TMPR3912XB-92
*2) In case of TMPR3911BU and MTPR3911BXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com