Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 71 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 71 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 67Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 68Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 69Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 70Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 71Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 72Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 73Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 74Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 75Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 462 page
background image
Chapter 2 Pin Descriptions
2-17
Table 2.3.4 lists various power-down states and conditions for each TMPR3911/12 pin. The “Power-Down
Control” column shows the conditions which trigger a power-down for each respective pin. This column also
shows the reset state for each of these conditions.
The “PON* state” column defines the state of each pin at power-on reset (PON*). This condition is
defined as initial power up of the TMPR3911/12. This state is entered after power is applied for the very first
time (VSTANDBY is turned on but VCC3 is still turned off). See figure 12.2.2.
The “1st-time power-up state” column defines the state of each pin after power-up. This mode is defined
as VCC3 applied to the entire system and is initiated by the user pressing the ONBUTN while in the power-
on reset (PON*) state. See figure 12.2.2.
The “power-down state” column defines the state of each pin during power-down mode.
Table 2.3.4 TMPR3911/12 Power-Down Pin Mode (1/3)
TMPR3911/12 pin
PON* state
1st time
power-up
state
power-down
state
Power-Down Control
D[31:0]
LOW
LOW
LOW
MEMPOWERDOWN
A[12:0]
LOW
LOW
LOW
MEMPOWERDOWN
ALE
LOW
LOW
LOW
X
RD*
LOW
HI
LOW
POWERDOWN
WE*
LOW
LOW
LOW
MEMPOWERDOWN
CAS0* (WE0*)
LOW
LOW
LOW
MEMPOWERDOWN
CAS1* (WE1*)
LOW
LOW
LOW
MEMPOWERDOWN
CAS2* (WE2*)
LOW
LOW
LOW
MEMPOWERDOWN
CAS3* (WE3*)
LOW
LOW
LOW
MEMPOWERDOWN
RAS0*
LOW
LOW
LOW
MEMPOWERDOWN
RAS1* (DCS1*)
LOW
LOW
LOW
MEMPOWERDOWN
DCS0*
LOW
LOW
LOW
MEMPOWERDOWN
DCKE
LOW
LOW
LOW
MEMPOWERDOWN
DCLKIN*
IN
IN
IN
X
DCLKOUT
LOW
LOW
LOW
MEMPOWERDOWN
DQMH
LOW
LOW
LOW
MEMPOWERDOWN
DQML
LOW
LOW
LOW
MEMPOWERDOWN
DREQ
PULL-DOWN
IN
SELECTABLE
POWERDOWN & MIOPD[27]
DGRNT*
LOW
HI
SELECTABLE
POWERDOWN & MIOPD[26]
SYSCLKIN
OSC OFF
OSC ON
OSC OFF
POWERDOWN
SYSCLKOUT
OSC OFF
OSC ON
OSC OFF
POWERDOWN
C32KIN
OSC ON
OSC ON
OSC ON
X
C32KOUT
OSC ON
OSC ON
OSC ON
X
BC32K
PULL-DOWN
IN
SELECTABLE
POWERDOWN & MIOPD[25]
VDAT[3]
LOW
LOW
LOW
video module disabled
VDAT[2]
LOW
LOW
LOW
video module disabled
VDAT[1]
LOW
LOW
LOW
video module disabled
VDAT[0]
LOW
LOW
LOW
video module disabled
POWERDOWN = (VCCON & VCC3)*
VCCON: a bit in the Power Control Register.
VCC3: an input signal.
MEMPOWERDOWN: a bit in the Memory Configration 4 Register.
SELECTABLE: See Table 9.2.2 and 9.2.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com