Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 99 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 99 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 95Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 96Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 97Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 98Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 99Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 100Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 101Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 102Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 103Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 462 page
background image
Chapter 3 CPU Module
3-15
3.3.6.10 The Index Register (CP0 register No.0)
The Index Register is a 32-bit, read/write register, which has 5 bits that index an entry in the
TLB. The most significant bit of the register shows the success or failure of a TLB Probe (tlbp)
instruction (described later in this chapter).
The Index register also specifies the TLB entry that will be affected by the TLB Read (tlbr) and
TLB Write Index (tlbwi) instructions. Figure 3.3.8 shows the format of the Index register.
Index Register
0
7
8
12
13
30
31
Index
0
0
5
17
8
P
1
P
Probe failure. Set to 1 when the last TLBProbe (tlbp) instruction was unsuccessful.
Index
Index to the TLB entry that will be affected by the TLBRead and TLBWrite instruction.
0
Reserved. Currently ignores writes, returns zero when read.
Figure 3.3.8 The Index Register
3.3.6.11 The Random Register (CP0 register No.1)
The Random Register is a 32-bit register. The format of the Random Register is shown in
Figure 3.3.9. The five-bit Random filed indexes a random entry in the TLB. The TX39/H
decrements the Random field during every machine cycle but constrains the value of this field to
the TLB indexes from 31 to 8 (the counter wraps around from 8 to 31 skipping values 7 through
0).
The TLB Write Random (tlbwr) instruction is used to write the TLB entry that this register
indexes. The first eight entries (0 to 7) are the “safe” entries because a tlbwr instruction can never
replace the contents of these entries. Typically, these eight entries are reserved for use by the
operating system.
Although normal operations never require it, the contents of this register can be read to verify
proper operation of the process. To further simplify testing, the Random field is set to a value of
31 when the TX39/H is reset.
Random Register
0
7
8
12
13
31
Random
0
0
5
18
8
Random
A random index with a value ranging from 8 to 31 to a TLB entry.
0
Reserved. Currently ignores writes, returns zero when read.
Figure 3.3.9 The Random Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com