Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 103 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 103 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 99Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 100Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 101Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 102Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 103Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 104Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 105Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 106Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 107Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 462 page
background image
Chapter 4 BIU Module
4-3
4.2
Address Decoder
The Address Decoder provides the decoding for the address space in the system. The Address Decoder
also contains the logic to generate the address signals A[12:0] for the memory devices, along with Address
Re-Mapper logic used to re-direct memory addresses.
4.2.1
System Address Map
The System Address Map is shown in Table 4.2.1. The address space is partitioned to support two
banks (Bank 1 and Bank 0) of DRAM and/or SDRAM, four general purpose 16/32-bit chip selects
(CS3-CS0), four general purpose 16-bit-only chip selects (MCS3-MCS0), two PCMCIA slots (Card 2
and Card 1), and internal function register access. The address space contains two primary regions:
kseg0/kseg1 are only accessible in kernel mode, while kuseg is accessible in either user or kernel mode.
MCS3-MCS0 are available in kuseg space and are thus always available to either user or kernel mode
accesses.
CS3-CS1 are located in both kseg and kuseg space, but accesses in kuseg space can be independently
disabled for each chip select using the ENCS3USER, ENCS2USER, and ENCS1USER control bits in
the Memory Configuration 0 Register. CS0 is used as the chip select for the boot ROM in the system. It
is mapped starting at address $11000000 in kernel space, which will map into the TX39/H boot vector
location at address $1FC00000. CS0 is also mapped in kuseg space to allow access to the ROM by
programs operating in user mode.
Card 1 and Card 2 are mapped into kuseg space for memory accesses and kernel-only space for IO
and Attribute accesses. To access the attribute space in a card, the CARD1IOEN or CARD2IOEN bits
in the Memory Configuration 3 register must be cleared prior to accessing the Card space. For I/O
accesses the CARD1IOEN or CARD2IOEN bits must be set prior to accessing the Card space.
The processor can write to the Mode Registers in the SDRAMs in kernel mode at address $10E00000
and $10F00000 for Bank 0 and Bank 1 SDRAM banks, respectively. Bank 0 and Bank 1 are each
mapped into four different locations. Each location is just an image of the other locations. Each Bank
can contain either DRAM or SDRAM devices, with the only restriction being that Bank 1 cannot
contain SDRAM if Bank 0 contains DRAM.
A system can be built without DRAM or SDRAM and instead can contain SRAM as the main
memory. In this case at least one bank of SRAM should be connected to CS1 and the ENCS1DRAM
control bit in the Memory Configuration 0 Register should be set. Setting this bit will cause CS1 to map
in place of Bank 0 and Bank 1, as shown in Table 4.2.1. This is required because exception vectors are
mapped into physical address 0x0000_0080 (in case of BEU
= 0 in TX39/H core STATUS register),
thus it is required that some memory exist in this region to support exception handling. Accesses to
reserved or non-enabled locations will respond with a Bus Error if the Watch Dog Timer is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com