Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 105 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 105 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 101Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 102Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 103Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 104Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 105Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 106Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 107Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 108Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 109Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 462 page
background image
Chapter 4 BIU Module
4-5
4.2.2
Address Generation
The Address Decoder logic generates the A[12:0] address bus for the memory devices. Addresses are
multiplexed on the A[12:0] address bus. For static devices such as CS3-CS0, MCS3-MCS0, Card 2 and
Card 1, the addresses are multiplexed such that Addr[25:13] is provided first-in-time followed by
Addr[12:0], as shown in Figure 4.2.1. Addr[25:13] must be latched with an external latch using the
ALE signal. The latched addresses concatenated with A[12:0] will provide a 26-bit address bus for the
system, HA[25:0].
HA[25:0]
A[12:0]
ALE
Addr[25:13]
Addr[12:0]
TX3911/12
ALE
A[12:0]
Q
D
LE
HA[25:0]
Figure 4.2.1 ALE Timing
DRAM and SDRAM devices contain multiplexed address buses. Thus, A[12:0] will be directly
connected to the DRAM and SDRAM devices. In order to support a wide range of DRAM and SDRAM
types and configurations, there are control bits in the Memory Configuration 0 Register that provide
software configuration for the Row and Column address bit positions. These control bits are
ROWSEL0[1:0] and COLSEL0[2:0] for Bank 0, and ROWSEL1[1:0] and COLSEL1[2:0] for Bank 1.
Table 4.2.2 shows the position that specific address bits are placed, depending on the configuration of
the control bits. This flexibility in address bit positioning makes it possible to support 4-Mbit, 16-Mbit,
and 64-Mbit DRAM and SDRAM devices with different bus width configurations. The two sets of
control bits make it possible to support different devices in Bank 0 and Bank 1. The “
φ” character in the
table means that this bit position will be a zero and the “X” implies a “don’t care” bit position.
Table 4.2.2 TMPR3912 DRAM and SDRAM Address Mapping
ROW A[12:0]
ROWSEL
COL A[12:0]
COLSEL
18, 17:9
00
22, 20, 18, 8:1
0000
22, 18, 20, 19, 17:9
01
19, 18, 8:2
0001
20, 22, 21, 19, 17:9
10
21, 20, 18, 8:2
0010
22, 23, 21, 19, 17:9
11
23, 22, 20, 18, 8:2
0011
24, 22, 20, 18, 8:2
0100
18,
φ, X, 8:0
0101
22, X,
φ, 21, 8:0
0110
18,
φ, X, 21, 8:1
0111
22, X,
φ, 23, 21, 8:1
1000
24, 23, 21, 8:2
1001
Example: When ROWSEL[1:0] = 01, the address bits Addr[22], Addr[18], Addr[20], Addr[19] and Addr[17:9] are
outputed to A[12], A[11], A[10], A[9] and A[8:0] pins respectively as row address for DRAM and/or
SDRAM.
When COLSEL[3:0] = 1000, the address bits Addr[22], undefined value, zero data, Addr[23], Addr[21],
and Addr[8:1] are outputed to A[12], A[11], A[10], A[9], A[8], A[7:0] respectively as column address for
DRAM and/or SDRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com