Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 107 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 107 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 103Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 104Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 105Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 106Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 107Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 108Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 109Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 110Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 111Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 462 page
background image
Chapter 4 BIU Module
4-7
4.3
Chip Select Controller
4.3.1
Description
The Chip Select Controller provides the logic required to generate CS3-CS0, MCS3-MCS0, Card 2,
and Card 1 control signals. CS3-CS0 can each independently be set as either 32-bit or 16-bit ports.
MCS3-MCS0, are always 16-bit ports. Card 2 and Card 1 can be set as either 16-bit or 8-bit ports.
The access time for each chip select is individually programmed using the control bits in the Memory
Configuration 1-3 Registers. Also provided for CS3-CS0 and MCS3-MCS0 is separate access time
control for Read Page Mode that can be enabled or disabled independently for each chip select using the
ENCS
χPAGE (χ = 0, 1, 2, 3), ENMCSχPAGE (χ = 0, 1, 2, 3) control bits in the Memory Configuration
3 Register. The Read Page Mode provides burst read capability to support memory devices such as page
mode ROMs. There is separate access time control provided for memory accesses to Card 2 or Card 1,
or IO/Attribute accesses to Card 2 or Card 1. The address inputs for all 32-bit memory devices should
be connected starting with HA[2] and all 16-bit memory devices should be connected starting with
HA[1]. The PCMCIA cards will use all the address bits HA[25:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com