Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 147 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 147 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 143Page - Cirrus Logic WM8909 Datasheet HTML 144Page - Cirrus Logic WM8909 Datasheet HTML 145Page - Cirrus Logic WM8909 Datasheet HTML 146Page - Cirrus Logic WM8909 Datasheet HTML 147Page - Cirrus Logic WM8909 Datasheet HTML 148Page - Cirrus Logic WM8909 Datasheet HTML 149Page - Cirrus Logic WM8909 Datasheet HTML 150Page - Cirrus Logic WM8909 Datasheet HTML 151Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 363 page
background image
WM8994
Rev 4.6
147
The line outputs incorporate a common mode, or ground loop, feedback path which provides rejection
of system-related ground noise. The return path, via LINEOUTFB, is enabled separately for
LINEOUT1 and LINEOUT2 using the LINEOUT1_FB and LINEOUT2_FB bits as defined in Table 77.
Ground loop feedback is a benefit to single-ended line outputs only; it is not applicable to differential
outputs, which already inherently offer common mode noise rejection.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R55 (0037h)
Additional
Control
7
LINEOUT1_FB
0
Enable ground loop noise
feedback on LINEOUT1
0 = Disabled
1 = Enabled
6
LINEOUT2_FB
0
Enable ground loop noise
feedback on LINEOUT2
0 = Disabled
1 = Enabled
Table 77 Line Output Ground Loop Feedback Enable
GENERAL PURPOSE INPUT/OUTPUT
The WM8994 provides a number of GPIO functions to enable interfacing and detection of external
hardware and to provide logic outputs to other devices. The input functions can be polled directly or
can be used to generate an Interrupt (IRQ) event. The GPIO and Interrupt circuits support the
following functions:
Alternate interface functions (AIF2, AIF3)
Button detect (GPIO input)
Logic ‘1’ and logic ‘0’ output (GPIO output)
SDOUT (4-wire SPI Control Interface data)
Interrupt (IRQ) status output
Over-Temperature detection
Accessory detection (MICBIAS current detection)
Frequency Locked Loop (FLL) Lock status output
Sample Rate Conversion (SRC) Lock status output
Dynamic Range Control (DRC) Signal activity detection
Control Write Sequencer status output
Digital Core FIFO error status output
Clock output (SYSCLK divided by OPCLK_DIV)
Frequency Locked Loop (FLL) Clock output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com