Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 149 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 149 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 145Page - Cirrus Logic WM8909 Datasheet HTML 146Page - Cirrus Logic WM8909 Datasheet HTML 147Page - Cirrus Logic WM8909 Datasheet HTML 148Page - Cirrus Logic WM8909 Datasheet HTML 149Page - Cirrus Logic WM8909 Datasheet HTML 150Page - Cirrus Logic WM8909 Datasheet HTML 151Page - Cirrus Logic WM8909 Datasheet HTML 152Page - Cirrus Logic WM8909 Datasheet HTML 153Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 363 page
background image
WM8994
Rev 4.6
149
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1792
(0700h)
GPIO1
15
GP1_DIR
1
GPIO1 Pin Direction
0 = Output
1 = Input
14
GP1_PU
0
GPIO1 Pull-Up Enable
0 = Disabled
1 = Enabled
13
GP1_PD
0
GPIO1 Pull-Down Enable
0 = Disabled
1 = Enabled
10
GP1_POL
0
GPIO1 Polarity Select
0 = Non-inverted (Active High)
1 = Inverted (Active Low)
9
GP1_OP_CFG
0
GPIO1 Output Configuration
0 = CMOS
1 = Open Drain
8
GP1_DB
1
GPIO1 Input De-bounce
0 = Disabled
1 = Enabled
6
GP1_LVL
0
GPIO1 level. Write to this bit to set
a GPIO output. Read from this bit to
read GPIO input level.
For output functions only, when
GP1_POL is set, the register
contains the opposite logic level to
the external pin.
4:0
GP1_FN [4:0]
0000
GPIO1 Pin Function
(see Table 81 for details)
Table 78 GPIO1 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1793
(0701h)
GPIO2
15
GP2_DIR
1
GPIO2 Pin Direction
0 = Reserved
1 = Input
14
GP2_PU
0
GPIO2 Pull-Up Enable
0 = Disabled
1 = Enabled
13
GP2_PD
1
GPIO2 Pull-Down Enable
0 = Disabled
1 = Enabled
10
GP2_POL
0
GPIO2 Polarity Select
0 = Non-inverted (Active High)
1 = Inverted (Active Low)
8
GP2_DB
1
GPIO2 Input De-bounce
0 = Disabled
1 = Enabled
6
GP2_LVL
0
GPIO2 level. Read from this bit to
read GPIO input level.
4:0
GP2_FN [4:0]
0001
GPIO2 Pin Function
(see Table 81 for details)
Table 79 GPIO2 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com