Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 148 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 148 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 144Page - Cirrus Logic WM8909 Datasheet HTML 145Page - Cirrus Logic WM8909 Datasheet HTML 146Page - Cirrus Logic WM8909 Datasheet HTML 147Page - Cirrus Logic WM8909 Datasheet HTML 148Page - Cirrus Logic WM8909 Datasheet HTML 149Page - Cirrus Logic WM8909 Datasheet HTML 150Page - Cirrus Logic WM8909 Datasheet HTML 151Page - Cirrus Logic WM8909 Datasheet HTML 152Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 363 page
background image
WM8994
148
Rev 4.6
GPIO CONTROL
For each GPIO, the selected function is determined by the GPn_FN field, where n identifies the GPIO
pin (1 to 11). The pin direction, set by GPn_DIR, must be set according to function selected by
GPn_FN.
The alternate audio interfaces AIF2 and AIF3 are both supported using GPIO pins; the applicable pin
functions are selected by setting the corresponding GPn_FN register to 00h. See Table 81 for the
definition of which AIF function is available on each GPIO pin.
See “Digital Audio Interface Control” for details of AIF2 and AIF3.
Note that the GPIO2 pin supports functions MCLK2 and Button Detect / Logic Level Input only.
Accordingly, GP2_DIR should be set to ‘1’ in all applications.
When a pin is configured as a GPIO input (GPn_DIR = 1), the logic level at the pin can be read from
the respective GPn_LVL bit. Note that GPn_LVL is not affected by the GPn_POL bit.
A de-bounce circuit can be enabled on any GPIO input, to avoid false event triggers. This is enabled
on each pin by setting the respective GPn_DB bit. Note that TOCLK must be enabled when this input
de-bouncing is required.
When a pin is configured as a Logic Level output (GPn_DIR = 0, GPn_FN = 01h), its level can be set
to logic 0 or logic 1 using the GPn_LVL field.
When a pin is configured as an output (GPn_DIR = 0), the polarity can be inverted using the
GPn_POL bit. When GPn_POL = 1, then the selected output function is inverted. In the case of Logic
Level output (GPn_FN = 01h), the external output will be the opposite logic level to GPn_LVL when
GPn_POL = 1.
A GPIO output can be either CMOS driven or Open Drain. This is selected on each pin using the
respective GPn_OP_CFG bit.
Internal pull-up and pull-down resistors may be enabled using the GPn_PU and GPn_PD fields; this
allows greater flexibility to interface with different signals from other devices. (Note that if GPn_PU and
GPn_PD are both set for any GPIO pin, then the pull-up and pull-down will be disabled.)
Each of the GPIO pins is an input to the Interrupt control circuit and can be used to trigger an Interrupt
event. An interrupt event is triggered on the rising and falling edge of the GPIO input. The associated
interrupt bit is latched once set; it can be polled at any time or used to control the IRQ signal. See
“Interrupts” for more details of the Interrupt event handling.
The register fields that control the GPIO pins are described in Table 78, Table 79 and Table 80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com