Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 152 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 152 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 148Page - Cirrus Logic WM8909 Datasheet HTML 149Page - Cirrus Logic WM8909 Datasheet HTML 150Page - Cirrus Logic WM8909 Datasheet HTML 151Page - Cirrus Logic WM8909 Datasheet HTML 152Page - Cirrus Logic WM8909 Datasheet HTML 153Page - Cirrus Logic WM8909 Datasheet HTML 154Page - Cirrus Logic WM8909 Datasheet HTML 155Page - Cirrus Logic WM8909 Datasheet HTML 156Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 363 page
background image
WM8994
152
Rev 4.6
GPn_FN
DESCRIPTION
COMMENTS
0Dh
AIF1 DRC1 Signal
Detect
Indicates AIF1 DRC1 Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold exceeded
0Eh
AIF1 DRC2 Signal
Detect
Indicates AIF1 DRC2 Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold exceeded
0Fh
AIF2 DRC Signal
Detect
Indicates AIF2 DRC Signal Detect status
0 = Signal threshold not exceeded
1 = Signal threshold exceeded
10h
Write Sequencer
Status
Indicates Write Sequencer status
0 = Write Sequencer Idle
1 = Write Sequence Busy
11h
FIFO Error
Indicates a Digital Core FIFO Error condition
0 = Normal operation
1 = FIFO Error
12h
Clock Output OPCLK
GPIO Clock derived from SYSCLK
13h
Temperature (Warning)
status output
Indicates Temperature Warning Sensor status
0 = Temperature is below warning level
1 = Temperature is above warning level
14h
DC Servo Done
Indicates DC Servo status on HPOUT1L and HPOUT1R
0 = DC Servo not complete
1 = DC Servo complete
15h
FLL1 Clock Output
Clock output from FLL1
16h
FLL2 Clock Output
Clock output from FLL2
17h to 1Fh
Reserved
Table 81 GPIO Function Select
BUTTON DETECT (GPIO INPUT)
Button detect functionality can be selected on any GPIO pin by setting the respective GPIO registers
as described in “GPIO Control”. The same functionality can be used to support a Jack Detect input
function.
It is recommended to enable the GPIO input de-bounce feature when using GPIOs as button input or
Jack Detect input.
The GPn_LVL fields may be read to determine the logic levels on a GPIO input, after the selectable
de-bounce controls. Note that GPn_LVL is not affected by the GPn_POL bit.
The de-bounced GPIO signals are also inputs to the Interrupt control circuit. An interrupt event is
triggered on the rising and falling edge of the GPIO input. The associated interrupt bits are latched
once set; it can be polled at any time or used to control the IRQ signal. See “Interrupts” for more
details of the Interrupt event handling.
LOGIC ‘1’ AND LOGIC ‘0’ OUTPUT (GPIO OUTPUT)
The WM8994 can be programmed to drive a logic high or logic low level on any GPIO pin by selecting
the “GPIO Output” function as described in “GPIO Control”. The output logic level is selected using the
respective GPn_LVL bit.
Note that the polarity of the GPIO output can be inverted using the GPn_POL registers. If GPn_POL =
1, then the external output will be the opposite logic level to GPn_LVL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com