Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 60 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 60 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 56Page - STMicroelectronics VNF9D5F Datasheet HTML 57Page - STMicroelectronics VNF9D5F Datasheet HTML 58Page - STMicroelectronics VNF9D5F Datasheet HTML 59Page - STMicroelectronics VNF9D5F Datasheet HTML 60Page - STMicroelectronics VNF9D5F Datasheet HTML 61Page - STMicroelectronics VNF9D5F Datasheet HTML 62Page - STMicroelectronics VNF9D5F Datasheet HTML 63Page - STMicroelectronics VNF9D5F Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
5.6
Open-load off-state detection
After the channel is completely OFF, if the output voltage VOUT exceeds the open-load detection threshold voltage
VDSH_TH, an open-load OFF-state/Stuck to VCC event is detected.
It is possible to monitor the voltage drop on the PowerMOS per each channel, checking the content of the
corresponding real time bit VDSHSRx in the OUTSRx registers (addresses from 0x20h to 0x21h). When channel
x is in off-state, if VDS is lower than the threshold (VCC - VDSH_TH), the VDSHSRx bit is low, otherwise it is in high
state.
In normal operation, a low value of bit VDSHSRx in off-state must be interpreted as a potential Stuck to VCC
condition. However, setting OLOFFCR bit in the OUTCTRCRx register (addresses from 0x00h to 0x01h), it is
possible to activate an internal pull-up current generator for the corresponding channel x. In this case a low value
of bit VDSHSRx in off-state may indicate either a potential Stuck to VCC or an Open load condition. In the latter
case, when the internal pull-up current generator is disabled the bit VDSHSRx is high.
To avoid false fault indications, it is recommended to perform these checks when the channel is in a permanent
off-state condition.
The pull-up current generators can be activated in normal, fail-safe and pre-standby modes; whilst they are
switched off in standby mode. Either a HW or SW reset (VREG < VPOR respectively FFh command byte) clears all
register contents and hence the current generators are switched off.
Figure 30. Open-load OFF-state detection
GADG1004171620PS
SPI register: OLOFFCR
Open-load OFF state control register
VCC
VOUT
VDS
GND
Table 42. VDSHSR state in a permanent off-state condition
Case
VDSHSR state in a permanent off-state condition
With internal pull-up generator
Without internal pull-up generator
Case 1: load connected
"1" / no fault condition
"1" / no fault condition
Case 2: no load
"0" / fault
"1" / no fault signal
Case 3: output shorted to VCC
"0" / fault
"0" / fault
5.7
Direct input status bits in OUTSRx (DIENSR)
The DIENSR bits read back the logic level of the DIx input assigned through OTP to the specific channel.
5.8
Channel feedback status bit in OUTSRx (CHFBSR)
The CHFBSRx bit provides a logical "OR" combination of PL, OT failure flags related to OUTPUTx. If CHFBSRx
bit is set, the channel OUTPUTx is failing, otherwise, NO failure is present. The bits are refreshed continuously in
ON-state and latched in OFF-sate. In order to clear the bit in OFF-state, a Read&Clear command has to be
performed.
VNF9D5F
Diagnostic
DS13946 - Rev 8
page 60/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com