Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 73 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 73 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 69Page - STMicroelectronics VNF9D5F Datasheet HTML 70Page - STMicroelectronics VNF9D5F Datasheet HTML 71Page - STMicroelectronics VNF9D5F Datasheet HTML 72Page - STMicroelectronics VNF9D5F Datasheet HTML 73Page - STMicroelectronics VNF9D5F Datasheet HTML 74Page - STMicroelectronics VNF9D5F Datasheet HTML 75Page - STMicroelectronics VNF9D5F Datasheet HTML 76Page - STMicroelectronics VNF9D5F Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
Table 51. Dynamic characteristics
Symbol
Parameter
Test conditions Min. Typ. Max. Unit
fC
SPI clock frequency
Duty cycle = 50%
2
4
8
MHz
tWHCH
CSN timeout: time to release SDO bus
30
70
ms
tWDTB
Watchdog toggle bit timeout
30
-
70
ms
tSLCH
CSN low setup time
60
ns
tSHCH
CSN high setup time
600
ns
tDVCH
Data in setup time
10
ns
tCHDX
Data in hold time
15
ns
tCH
Clock high time
60
ns
tCL
Clock low time
-
60
-
-
ns
tCLQV
Clock low to output valid
COUT = 1 nF
75
ns
tQLQH
Output rise time
COUT = 1 nF
55
ns
tQHQL
Output fall time
COUT = 1 nF
55
ns
tWU
Rising edge of VREG to first allowed communication
3
26
µs
tstdby_out_CSN
Minimum time during which CSN must be toggled low to go
out of STDBY mode
2
15
120
µs
tstdby_out_STBYNOT
Minimum time during which STBY_NOT must be toggled
high to go out of STDBY mode
2
15
120
µs
tSCLK(1)
SCK setup time before CSN rising
20
ns
tCSNQV(1)
CSN low to output valid
200
ns
tCSNQT(1)
CSN high to output tristate
200
ns
1. Parameter specified by design and evaluated by characterization, not tested in production.
VNF9D5F
Electrical specifications
DS13946 - Rev 8
page 73/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com