Electronic Components Datasheet Search
  English  ▼

X  

VNF9D5F Datasheet(PDF) 15 Page - STMicroelectronics

Part # VNF9D5F
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VNF9D5F Datasheet HTML 11Page - STMicroelectronics VNF9D5F Datasheet HTML 12Page - STMicroelectronics VNF9D5F Datasheet HTML 13Page - STMicroelectronics VNF9D5F Datasheet HTML 14Page - STMicroelectronics VNF9D5F Datasheet HTML 15Page - STMicroelectronics VNF9D5F Datasheet HTML 16Page - STMicroelectronics VNF9D5F Datasheet HTML 17Page - STMicroelectronics VNF9D5F Datasheet HTML 18Page - STMicroelectronics VNF9D5F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
The I²t protection is based on a continuous RMS output current calculation. The current sense for I²t calculation is
sampled for each channel every t_ I²t _SAMPLE (given by the internal base frequency for I²t state machine fCLK)
with linearity ensured up to ILIMH. Since the current sense block is not active in the hard short circuit condition or
whenever the output voltage drops below the current sense shutdown threshold (VOUT_FSD), the behavior of the
channel when in current limitation is programmable (see Section 3.4: Overload protection–Output current
limitation (ILIMH)).
In the case ILIM_LATCHx is programmed in latch-off mode, the current sense, and consequently the I²t protection
function are always active when output is on (for the exceptions see above).
In case ILIM_LATCHx is programmed in auto restart mode, the current sense, and consequently the I²t protection
function are active as long as the output voltage remains above the current sense shutdown threshold
(VOUT_FSD). As soon as the output voltage drops below the current sense shutdown threshold (VOUT_FSD), for
example through a hard short circuit, the current sense is inhibited. In such condition however the I²t wire harness
protection is still operative, integrating with the fastest counter speed, while RMS current is maintained at a low
value, thanks to the power limitation protection, hence still effectively protecting the wire.
The shape of the actual I²t protection curve is a staircase curve, which is determined by two configurable
parameters, I_NOM and t_NOM. Both parameters are accessible through the SPI FSITCRx register, read-and
writeable.
Nominal time tNOM
The default tNOM parameter is programmed by 3 OTP bits (TNOM0, TNOM1, TNOM2, for each channel).
Its default value is 300 s.
Table 9. Nominal time
Nominal time value
TNOM2
TNOM1
TNOM0
300 s (default)
0
0
0
257 s
0
0
1
214 s
0
1
0
172 s
0
1
1
129 s
1
0
0
86 s
1
0
1
44 s
1
1
0
1 s
1
1
1
Nominal current INOM
The default INOM parameter is programmed by 3 OTP bits (INOM0, INOM1, INOM2, for each channel).
Its default value is 15 A.
Table 10. Nominal current
Nominal current value
INOM2
INOM1
INOM0
4 A
0
0
1
6 A
0
1
0
7.5 A
0
1
1
9 A
1
0
0
10 A
1
0
1
11.5 A
1
1
0
13 A
1
1
1
15 A (default)
0
0
0
VNF9D5F
Protections
DS13946 - Rev 8
page 15/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com